Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8320 Datasheet(PDF) 10 Page - Shenzhenshi YONGFUKANG Technology co.,LTD

Part # HT8320
Description  Built-in high efficiency adaptive dual charge pump boost, anti-sharp distortion function, D/AB switching 2*4.5W dual channel audio power amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YONGFUKANG [Shenzhenshi YONGFUKANG Technology co.,LTD]
Direct Link  http://www.szczkjgs.com/
Logo YONGFUKANG - Shenzhenshi YONGFUKANG Technology co.,LTD

HT8320 Datasheet(HTML) 10 Page - Shenzhenshi YONGFUKANG Technology co.,LTD

Back Button HT8320 Datasheet HTML 6Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT8320 Datasheet HTML 7Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT8320 Datasheet HTML 8Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT8320 Datasheet HTML 9Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT8320 Datasheet HTML 10Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT8320 Datasheet HTML 11Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT8320 Datasheet HTML 12Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT8320 Datasheet HTML 13Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT8320 Datasheet HTML 14Page - Shenzhenshi YONGFUKANG Technology co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
HT8320
Audio Amplifier Integrated with Charge Pump
APPLICATION INFORMATION
The HT8320 is a highly efficient 2*4.5W stereo Class-D audio power amplifier with anti-clipping function
(ACF) for applications of battery-powered portable devices. It integrates a filter-less Class-D audio amplifier
with an adaptive dual charge pump regulator. It operates from 2.7V to 5.5V supply. When operating with a
4.2V supply voltage, the HT8320 can deliver into two
4Ω load a maximum output power up to 2*4.5W with
10% THD+N.
In HT8320, the power supply rail of the Class-D amplifier output stage is internally boosted and regulated at
6.4V by an adaptive dual charge pump regulator, allowing for a much louder audio output than a
stand-alone one directly connected to the battery. It makes HT8320 an ideal audio solution for portable
devices, which are powered by a single-cell lithium battery while requiring higher audio loudness.
The HT8320 features ACF to constantly monitor and safeguard the audio outputs against the boosted
supply voltage, preventing output clipping distortion, excessive power dissipation, or hazardous speaker
over-load. Once an over-level condition is detected, the ACF lowers the voltage gain of the audio amplifier
proportionally to eliminate output clipping distortion while maintaining a maximum dynamic range of the
audio outputs allowed by the boosted supply voltage. It provides 4 different ACF modes and ACF OFF
mode to adjust different applications.
Class AB amplifier mode is also available for HT8320. Once the EMI Interference from class D and Boost
Converter becomes an annoying problem, HT8320 can be changed into Class AB mode.
As specifically designed for portable device applications, the HT8320 incorporates a shutdown mode to
minimize the power consumption by holding the CTRL pin to ground. It also includes comprehensive
protection features against various operating faults such as over-current, over-temperature, and
under-voltage for a safe and reliable operation.
1. Dual Charge Pump Regulator
To allow for a much louder audio output, an integrated adaptive dual charge pump regulator is employed to
boost PVDD, the power rail for the Class-D amplifier output stage. Whenever the audio outputs are higher
than a prescribed level, the charge pump regulator will be activated to boost and regulate CPOUT at 6.4V.
In this case, the charge pump regulator operates in the regulation mode. For a proper operation, the
boosted voltage CPOUT generated by the charge pump regulator must be externally shorted to PVDD pins
via a sufficiently wide metal trace on the system board.
On the other hand, when the audio outputs are less than a prescribed level for an extended period of time,
the charge pump regulator will be de-biased and forced into the standby mode. In the standby mode, the
amplifier output stage is powered directly by VBAT, the battery voltage, through an internal power switch.
This adaptive nature of the charge pump regulator can greatly improve the power efficiency of HT8320
when playing audio and thus extends battery life.
1.1.
Selection of Charge Pump Flying Capacitor (CFLY)
A nominal value of 4.7
μF is recommended for the flying capacitors (between CxP and CxN) of the charge
pump regulator. A low equivalent-series-resistance (ESR) ceramic capacitor, such as X7R or X5R, is
recommended.
1.2.
Selection of Charge Pump Output Capacitor (COUT)
For best perfor
mance, a 10μF low ESR ceramic capacitor in parallel with a tantalum or electrolytic capacitor
(47
0μF or higher) is recommended for the output capacitor (COUT) of the charge pump regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com