Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL03 Datasheet(PDF) 1 Page - SiPower Inc.

Part # 2CL03
Description  Ultra-Fast Recovery High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPOWER [SiPower Inc.]
Direct Link  http://www.sipower.us/
Logo SIPOWER - SiPower Inc.

2CL03 Datasheet(HTML) 1 Page - SiPower Inc.

  2CL03 Datasheet HTML 1Page - SiPower Inc. 2CL03 Datasheet HTML 2Page - SiPower Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL02 2CL03
Ultra-Fast Recovery High Voltage Diodes
Features
Outline Dimensions and Mark
Supersmall size
Unit
mm
High reliability
High speed switching
Applications
Rectification for high voltage power supply of
color T.V.
Rectification for CRT display monitor high
voltage power supply (FBT
Flyback Transformer)
Others
Limiting Values
Absolute Maximum Rating
Item
Symbol
Unit
2CL02
2CL03
Repetitive Peak Reverse Voltage
VRRM
KV
10
12
Non-Repetitive Peak Reverse Voltage
VRSM
KV
12
15
Average Forward Current
IF(AV)
mA
5
50HZHalf-sine wave, Resistance load, Ta=25
Surge(Non-repetitive)Forward Current
IFSM
A
0.5
50HZHalf-sine wave,1cycle,Ta=25
Operating Ambient Temperature
Ta
-40 ~ +100
Storage Temperature
Tstg
-40 ~ +120
Virtual Junction Temperature
T(vj)
120
Electrical Characteristics Ta=25
Unless otherwise specified
Max
Item
Symbol
Unit
Test Condition
2CL02
2CL03
Peak Forward Voltage
VFM
V
IFM=10mA
35
42
IRRM1
Ta=25
2
Peak Reverse Current
IRRM2
A
VRM=VRRM
Ta=100
5
Reverse Recovery Time
trr
s
IF=2mA IRM=4mA
0.05
Type
Code
Cathode Mark
2CL02
T-02
2CL03
T-03
0.5
0.03
2.5 0.2
10 0.2
26min
26min
Code
Cathode Mark
http://
www.sipower-inc.com
SiPower - The official marketing arm of Zhonghuan Semiconductor
Power Semiconductor Technology


Similar Part No. - 2CL03

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
2CL03 DACHANG-2CL03 Datasheet
118Kb / 5P
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 3KV Forward Current 5mA
logo
DONGGUAN YOU FENG WEI E...
2CL03 YFWDIODE-2CL03 Datasheet
534Kb / 3P
Fast Recovery High Voltage Diodes
logo
Shanghai Shunye Electro...
2CL03 SHUNYE-2CL03 Datasheet
189Kb / 2P
Fast Recovery High Voltage Diodes
V2.22
logo
Rugao Dachang Electroni...
2CL03S DACHANG-2CL03S Datasheet
117Kb / 2P
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 3KV Forward Current 5mA
More results

Similar Description - 2CL03

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RUSH EDI-RUSH Datasheet
42Kb / 2P
50ns ULTRA-FAST RECOVERY HIGH -VOLTAGE RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
1N6519 GETEDZ-1N6519 Datasheet
517Kb / 2P
High Voltage Power Diodes Ultra-Fast Recovery
2CL500 GETEDZ-2CL500_17 Datasheet
516Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
logo
American Microsemicondu...
AMS-FOB AMMSEMI-AMS-FOB Datasheet
334Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
logo
SiPower Inc.
2CL01 SIPOWER-2CL01 Datasheet
72Kb / 2P
Ultra-Fast Recovery High Voltage Diodes
2CL11 SIPOWER-2CL11 Datasheet
65Kb / 2P
Ultra-Fast Recovery High Voltage Diodes
2CL12 SIPOWER-2CL12 Datasheet
65Kb / 2P
Ultra-Fast Recovery High Voltage Diodes
logo
GETAI ELECTRONICS DEVIC...
GH05U10J GETEDZ-GH05U10J Datasheet
506Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U12J GETEDZ-GH05U12J Datasheet
505Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U15J GETEDZ-GH05U15J Datasheet
505Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com