Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL71 Datasheet(PDF) 1 Page - SiPower Inc.

Part # 2CL71
Description  Fast Recovery High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPOWER [SiPower Inc.]
Direct Link  http://www.sipower.us/
Logo SIPOWER - SiPower Inc.

2CL71 Datasheet(HTML) 1 Page - SiPower Inc.

  2CL71 Datasheet HTML 1Page - SiPower Inc. 2CL71 Datasheet HTML 2Page - SiPower Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL70 2CL71
Features
Outline Dimensions and Mark
Supersmall size
Unit mm
High reliability
High speed switching
Applications
Rectification for high voltage power supply of
color T.V.
Rectification for high voltage power supply of
CRT display.
Rectification for high voltage power supply of
V.T.R camera.
Others
Limiting Values
Absolute Maximum Rating
Item
Symbol
Unit
2CL70
2CL71
Repetitive Peak Reverse Voltage
VRRM
kV
6
8
Non-Repetitive Peak Reverse Voltage
VRSM
kV
8
10
Average Forward Current
IF(AV)
mA
5
50HZHalf-sine wave, Resistance load, Ta=25
Surge(Non-repetitive)Forward Current
IFSM
A
0.5
50HZHalf-sine wave,1cycle,Ta=25
Operating Ambient Temperature
Ta
-40 ~ +100
Storage Temperature
Tstg
-40 ~ +120
Virtual Junction Temperature
T(vj)
120
Electrical Characteristics Ta=25
Unless otherwise specified
Max
Item
Symbol
Unit
Test Condition
2CL70
2CL71
Peak Forward Voltage
VFM
V
IFM=10mA
24
30
IRRM1
Ta=25
2
Peak Reverse Current
IRRM2
A
VRM=VRRM
Ta=100
5
Reverse Recovery Time
trr
s
IF=2mA IRM=4mA
0.08
Type
Code
Cathode Mark
2CL70
T-70
2CL71
T-71
0.6 0.03
3 0.2
8 0.2
26min
26min
Code
Cathode Mark
http://
www.sipower-inc.com
SiPower - The official marketing arm of Zhonghuan Semiconductor
Power Semiconductor Technology
Fast Recovery High Voltage Diodes


Similar Part No. - 2CL71

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL71 EDI-2CL71 Datasheet
56Kb / 1P
HIGH VOLTAGE, LOW CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL71 GETEDZ-2CL71 Datasheet
68Kb / 1P
5mA 8kV HIGH VOLTAGE DIODES
logo
Anshan Suly Electronics
2CL71 ANSHAN-2CL71 Datasheet
347Kb / 2P
High voltage rectifier diodes 2CL71 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture , .
logo
SUNMATE electronic Co.,...
2CL71 SUNMATE-2CL71 Datasheet
204Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
American Microsemicondu...
2CL71 AMMSEMI-2CL71 Datasheet
558Kb / 4P
High Voltage Diodes
More results

Similar Description - 2CL71

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
HVRP-1000-1C DEC-HVRP-1000-1C Datasheet
420Kb / 2P
HIGH VOLTAGE FAST RECOVERY DIODES
logo
SiPower Inc.
2CL75 SIPOWER-2CL75 Datasheet
68Kb / 2P
Fast Recovery High Voltage Diodes
logo
Rectron Semiconductor
R8000H RECTRON-R8000H Datasheet
134Kb / 4P
Fast Recovery High Voltage Diodes
R10000H RECTRON-R10000H Datasheet
90Kb / 4P
Fast Recovery High Voltage Diodes
logo
Shenzhen Luguang Electr...
2CL2FP LUGUANG-2CL2FP Datasheet
224Kb / 2P
Fast Recovery High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL11 YFWDIODE-2CL11 Datasheet
560Kb / 3P
Fast Recovery High Voltage Diodes
2CL60 YFWDIODE-2CL60 Datasheet
400Kb / 2P
Fast recovery high voltage diodes
2CL72 YFWDIODE-2CL72 Datasheet
353Kb / 2P
Fast recovery high voltage diodes
DD1000 YFWDIODE-DD1000 Datasheet
351Kb / 2P
Fast recovery high voltage diodes
DD900 YFWDIODE-DD900 Datasheet
351Kb / 2P
Fast recovery high voltage diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com