Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL0504 Datasheet(PDF) 1 Page - SiPower Inc.

Part # 2CL0504
Description  High Voltage Diodes for Car Ignition Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPOWER [SiPower Inc.]
Direct Link  http://www.sipower.us/
Logo SIPOWER - SiPower Inc.

2CL0504 Datasheet(HTML) 1 Page - SiPower Inc.

  2CL0504 Datasheet HTML 1Page - SiPower Inc. 2CL0504 Datasheet HTML 2Page - SiPower Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL0504
High Voltage Diodes for Car Ignition Systems
Features
Outline Dimensions and Mark
Supersmall size
Unit
mm
High reliability
Applications
Car ignition systems.
.
.
Limiting Values
Absolute Maximum Rating
Item
Symbol
Unit
2CL0504
Repetitive Peak Reverse Voltage
VRRM
KV
4
Non-Repetitive Peak Reverse Voltage
VRSM
KV
4.4
Average Forward Current
IF(AV)
mA
50
50HZHalf-sine wave, Resistance load, Ta=25
Surge(Non-repetitive)Forward Current
IFSM
A
3
50HZHalf-sine wave,1cycle,Ta=25
Surge Reverse current
IRSM
mA
50
(WP=1ms triangular pulse)
Storage Temperature
Tstg
-65 ~ +175
Virtual Junction Temperature
T(vj)
175
Electrical Characteristics Ta=25
Unless otherwise specified
Item
Symbol
Unit
Test Condition
2CL0504
Peak Forward Voltage
VFM
V
IFM=10mA
7
IRRM1
Ta=25
2
Peak Reverse Current
IRRM2
A
VRM=VRRM
Ta=175
30
Avalanche breakdown voltage
V BR
kV
IRM=100 A
5.5
Thermal resistance
R th J-A
k/W
Tamb=Tlead, lead length=10mm
100
Type
Code
Cathode Mark
2CL0504
T0504
2.5
0.2
6.5
0.2
26min
26min
Code
Cathode Mark
0.8
0.03
http://
www.sipower-inc.com
SiPower - The official marketing arm of Zhonghuan Semiconductor
Power Semiconductor Technology


Similar Part No. - 2CL0504

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
2CL0504 YFWDIODE-2CL0504 Datasheet
350Kb / 2P
High voltage diodes
More results

Similar Description - 2CL0504

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYX132G PHILIPS-BYX132G Datasheet
36Kb / 4P
High-voltage car ignition diode
2000 Feb 29
BYX132GL PHILIPS-BYX132GL Datasheet
36Kb / 4P
High-voltage car ignition diode
2000 Jan 13
BYX133G PHILIPS-BYX133G Datasheet
41Kb / 8P
High-voltage car ignition diode
2000 Feb 29
BYX133GL PHILIPS-BYX133GL Datasheet
37Kb / 4P
High-voltage car ignition diode
2000 Jan 13
BYX133GPL PHILIPS-BYX133GPL Datasheet
42Kb / 8P
High-voltage car ignition diode
2001 Oct 02
BYX134G PHILIPS-BYX134G Datasheet
41Kb / 8P
High-voltage car ignition diode
2000 Feb 29
BYX134GL PHILIPS-BYX134GL Datasheet
37Kb / 4P
High-voltage car ignition diode
2000 Feb 29
BYX134GP PHILIPS-BYX134GP Datasheet
60Kb / 4P
High-voltage car ignition diodes
1998 Dec 04
BYX135G PHILIPS-BYX135G Datasheet
41Kb / 8P
High-voltage car ignition diode
2000 Feb 29
BYX135GL PHILIPS-BYX135GL Datasheet
36Kb / 4P
High-voltage car ignition diode
2000 Jan 13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com