Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CLS02 Datasheet(PDF) 1 Page - SiPower Inc.

Part # 2CLS02
Description  High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPOWER [SiPower Inc.]
Direct Link  http://www.sipower.us/
Logo SIPOWER - SiPower Inc.

2CLS02 Datasheet(HTML) 1 Page - SiPower Inc.

  2CLS02 Datasheet HTML 1Page - SiPower Inc. 2CLS02 Datasheet HTML 2Page - SiPower Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CLS01 2CLS02 2CLS03
High Voltage Diodes for Micro-Wave Oven
Features
Outline Dimensions and Mark
small size
Unit
mm
High reliability
High current capability.
Applications
Rectification for high voltage circuit in micro
wave oven and others.
Limiting Values
Absolute Maximum Rating
2CLS01
2CLS02
2CLS03
Item
Symbol Unit
D1
D2
D1
D2
D1
D2
Repetitive Peak Reverse Voltage
VRRM
kV
6
1.7
6
1.5
6
1.3
Virtual Junction Temperature
T(vj)
130
Storage Temperature
Tstg
-40 ~ +130
Electrical Characteristics Ta=25
Unless otherwise specified
2CLS01
2CLS02
2CLS03
Item
Symbol Unit Test Condition
D1
D2
D1
D2
D1
D2
Peak Reverse Current
IRRM1
A
VRM=VRRM
10
Avalanche Breakdown Voltage
V(BR)
kV
IR=100 A
7 2.1-2.8
7 1.8-2.4
7 1.5-2.1
Type
2CLS01
2CLS02
2CL03
Code
TS01
TS02
TS03
D2
D1
7.5
0.5
1.2
0.03
22
0.5
22min
22min
Code
Lot No.
Mark
http://
www.sipower-inc.com
SiPower - The official marketing arm of Zhonghuan Semiconductor
Power Semiconductor Technology


Similar Part No. - 2CLS02

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
2CLS02 YFWDIODE-2CLS02 Datasheet
623Kb / 2P
Fast recovery high voltage diodes
More results

Similar Description - 2CLS02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSHV85U ETC2-MSHV85U Datasheet
127Kb / 3P
High Voltage Diodes
logo
SUNMATE electronic Co.,...
HVM16 SUNMATE-HVM16 Datasheet
395Kb / 1P
HIGH VOLTAGE DIODES
HVP-16 SUNMATE-HVP-16 Datasheet
273Kb / 1P
HIGH VOLTAGE DIODES
logo
SiPower Inc.
2CL2060 SIPOWER-2CL2060 Datasheet
62Kb / 2P
High Voltage Diodes
2CL3509H SIPOWER-2CL3509H Datasheet
58Kb / 2P
High Voltage Diodes
2CL4509H SIPOWER-2CL4509H Datasheet
68Kb / 2P
High Voltage Diodes
2CL4510 SIPOWER-2CL4510 Datasheet
57Kb / 2P
High Voltage Diodes
2CLG1015 SIPOWER-2CLG1015 Datasheet
61Kb / 2P
High Voltage Diodes
2CLG3508 SIPOWER-2CLG3508 Datasheet
66Kb / 2P
High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL2050 YFWDIODE-2CL2050 Datasheet
374Kb / 2P
High voltage diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com