Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCLA1 Datasheet(PDF) 14 Page - Generalplus Technology Inc.

Part # GPCLA1
Description  Low Power Sound Conttrollller Seriies
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCLA1 Datasheet(HTML) 14 Page - Generalplus Technology Inc.

Back Button GPCLA1 Datasheet HTML 10Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 11Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 12Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 13Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 14Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 15Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 16Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 17Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 18Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
GPCL A1/B1 Series
© Generalplus Technology Inc.
Proprietary & Confidential
14
Sep. 15, 2015
Version: 1.0
9. APPLICATION CIRCUITS
9.1. Light Loading And Circuit without Noise
PCB Layout Guidelines :
1. R1 should be as close as possible to ROSC pin.
2. C3 should be as close as possible to AVDD/AVSS, and C3 can be removed if there is good power line layout on PCB that
no harm to sound quality.
3. L1 should be as close as possible to VIN/Lpump. Please use inductor with lower resistance to gain higher efficiency.
22uH/0.5W@IDC(max)>250mA ,DCR<1.5ohm is the suggested inductance spec. .
4. The value of C2 depends on the loading. 10uF~47uF is the suggested value range. One end of C2 should be placed
between VSS and VSSIN. The other end of C2 should be placed between VDDO and VDD. C2 should be as close as
possible to VDDO/VDD .
5. Please use capacitor (C2) with low resistance to reduce noise , ESR<2 ohm in 0~70C is suggested.
RESETB
AUDP
AUDN
VIN
VSSIN
13-10
9 - 2
(Battery Power)
(DC-DC Ground)
22
1
VSS
18
20
25
IOC[3:0]
IOC[3:0]
IOD[7:0]
IOD[7:0]
ROSC
R1*1
15
10~47uF
C2*4, 5
VDDO (DC-DC Power Output)
21
Lpump
L1*3
22uH
C3*2
0.1uF
AVDD (Audio Power)
AVSS (Audio Ground)
VDD
(Core Power)
VSS
(Core Ground)
(Battery)
19
23
24
17
16
C5
0.1uF
GPCL A1/B1
Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com