Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6926 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ADM6926
Description  26 port 10/100 Mbps Ethernet Switch Controller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ADM6926 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ADM6926 Datasheet HTML 17Page - List of Unclassifed Manufacturers ADM6926 Datasheet HTML 18Page - List of Unclassifed Manufacturers ADM6926 Datasheet HTML 19Page - List of Unclassifed Manufacturers ADM6926 Datasheet HTML 20Page - List of Unclassifed Manufacturers ADM6926 Datasheet HTML 21Page - List of Unclassifed Manufacturers ADM6926 Datasheet HTML 22Page - List of Unclassifed Manufacturers ADM6926 Datasheet HTML 23Page - List of Unclassifed Manufacturers ADM6926 Datasheet HTML 24Page - List of Unclassifed Manufacturers ADM6926 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
ADM6926
Function Description
bytes each. The queues of each port are managed according to each port’s read/write
pointer.
Input buffers and output queues are maintained through proprietary patent pending
UNIQUE (Universal Queue management) scheme.
3.1.9
Half Duplex Flow Control
Back-pressure is supported for half-duplex operation.
When the ADM6926 cannot allocate a receive buffer for an incoming packet (buffer full),
the device will transmit a jam pattern on the port, thus forcing a collision.
3.1.10 Full Duplex Flow Control
When full duplex port runs out of its receive buffer, a PAUSE command will be issued
by ADM6926 to notice the packet sender to pause transmission. This frame based flow
control is totally compliant to IEEE 802.3x. When flow control hardware pin is set to
high during power on reset and per port PAUSE is enabled, ADM6926 will output and
accept 802.3x flow control packet.
3.1.11 Inter-Packet Gap (IPG)
IPG is the idle time between any two successive packets from the same port. The value is
9.6us for 10Mbps ETHERNET and 960ns for 100Mbps fast Ethernet.
3.1.12 Port VLAN or Tag VLAN Support
ADMtek Inc.
3-5
Two VLAN settings are supported by the ADM6926: the port-based VALN or the tag-
based VLAN. For the port-based VLAN the ADM6926 will use the port number as the
index to lookup the forwarding table. For the tag-based VLAN, the ADM6926 will use
the VID to lookup the forwarding table. Each port is assigned a Port VID as the Default
VID if tag-based VLAN is used. The ADM6926 will check TAG, remove TAG, insert
TAG, and re-calculate CRC if packet is changed:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com