Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPES240B2 Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPES240B2
Description  Easy-to-use SOUNDPLUS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPES240B2 Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPES240B2 Datasheet HTML 1Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 2Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 3Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 4Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 5Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 6Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 7Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 8Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
GPES240B2
© Generalplus Technology Inc.
Proprietary & Confidential
4
JAN. 06, 2009
Version: 1.1
4. SIGNAL DESCRIPTIONS
Mnemonic
PIN No.
Type
Description
TG4 - 1
2 - 5
I
Trigger input pins
TEST
11
I
TEST pin
STOP7 - 6
19 - 18
O
Open drain output pins / LED drive pins
STOP5 - 0
17 - 12
O
Output signals pins
AUDP, AUDN
9, 8
O
A pair of PWM outputs for speak
ROSC
1
I
Oscillator frequency control pin
VDD
20
I
Digital circuit power supply pin
AVDD
10
I
PWM power supply pin
VSS
6
I
Digital circuit power supply pin
AVSS
7
I
PWM power supply pin
4.1. PAD Assignment
ST O P 0
ST O P 1
ST O P 2
ST O P 3
ST O P 4
ST O P 5
ST O P 6
ST O P 7
12
13
14
15
16
17
18
19
(0 ,0 )
11
8
9
7
10
RO S C
VDD
TG 2
TG 3
TG 4
20
1
2
3
4
VS S
TG 1
5
6
This IC substrate should be connected to VSS
Note1: To ensure that the IC functions properly, bond all VDD and VSS pins.
Note2: The 0.1µF capacitor between VDD and VSS should be placed to IC as close as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com