Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPES260B2 Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPES260B2
Description  Easy-to-use SOUNDPLUS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPES260B2 Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPES260B2 Datasheet HTML 1Page - Generalplus Technology Inc. GPES260B2 Datasheet HTML 2Page - Generalplus Technology Inc. GPES260B2 Datasheet HTML 3Page - Generalplus Technology Inc. GPES260B2 Datasheet HTML 4Page - Generalplus Technology Inc. GPES260B2 Datasheet HTML 5Page - Generalplus Technology Inc. GPES260B2 Datasheet HTML 6Page - Generalplus Technology Inc. GPES260B2 Datasheet HTML 7Page - Generalplus Technology Inc. GPES260B2 Datasheet HTML 8Page - Generalplus Technology Inc. GPES260B2 Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
GPES260B2
© Generalplus Technology Inc.
Proprietary & Confidential
4
JAN. 06, 2009
Version: 1.2
4.SIGNAL DESCRIPTIONS
Mnemonic
PIN No.
Type
Description
TG4 - 1
3-6
I
Trigger input pins
TEST
12
I
TEST pin
STOP7 - 6
20 - 19
O
Open drain output pins / LED drive pins
STOP5 - 0
18 - 13
O
Output signals pins
AUDP
AUDN
10
9
O
A pair of PWM outputs for speak
ROSC
2
I
Oscillator frequency control pin
VDD
1
I
Digital circuit power supply pin
AVDD
11
I
PWM power supply pin
VSS
7
I
Digital ground reference pin
AVSS
8
I
PWM ground reference pin
4.1. PAD Assignment
ROSC
VDD
TG1
TG2
TG3
TG4
STOP0
VSS
STOP1
STOP2
STOP3
STOP4
STOP5
STOP6
STOP7
1
2
3
4
6
5
7
8
9
10
11
12
13
14
15
16
17
18
19
20
(0,0)
TEST
This IC substrate should be connected to VSS
Note1: To ensure that the IC functions properly, bond all VDD and VSS pins.
Note2: The 0.1
μF capacitor between VDD and VSS should be placed to IC as close as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com