Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # ATC
Description  Blade fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

ATC Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  ATC Datasheet HTML 1Page - Eaton All Rights Reserved. ATC Datasheet HTML 2Page - Eaton All Rights Reserved. ATC Datasheet HTML 3Page - Eaton All Rights Reserved. ATC Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 2009
Effective December 2015
ATC blade fuses
Eaton.com/bussmannseries
Catalog symbol: ATC
Applications:
•
Automotive and low-voltage control circuits.
Ratings:
•
Volts
•
32V
•
Amps
•
1-40A
•
Interrupting rating
•
1kA
Agency information:
•
UL Recognized File E56412, Guide JFHR2, UL 248-1 (1-40A).
•
ISO 8820-3 / SAE J1284 / JASO 612 (1-40A).
•
SAE J1171 (Ignition protection) see catalog number tables for
specific orderable product.
•
RoHS compliant
Materials:
•
Terminals
•
Tin-plated zinc
•
Element
•
Tin-plated zinc
•
Housing (see catalog number tables for specific housing
materials)
•
Housing flammability rating
•
UL 94
Environmental:
•
Operating temperature range -40°C to 100°C,
95% RH non-condensing.
•
Storage temperature range -5°C to 35°C or lower,
85% RH non-condensing.
Basic part numbers*
Part number
(amp)
Color code
Part number
(amp)
Color code
ATC-1
Black
ATC-15
Blue
ATC-2
Gray
ATC-20
Yellow
ATC-3
Violet
ATC-25
Clear
ATC-4
Pink
ATC-30
Green
ATC-5
Tan
ATC-35
Blue/Green
ATC-7½
Brown
ATC-40
Orange
ATC-10
Red
* See catalog number tables on page four for specific construction, housing
material and package availability.
Dimensions - mm
Electrical characteristics @23°C* for all available catalog
numbers
% of fuse amp rating
Operating time (sec)
Min
Max
110
100 Hrs
—
135
0.75
120 (240**)
160
0.25
50
200
0.15
5
350
0.04
0.5
600
0.02
0.1
* Fuse derating with change in ambient temperature = -0.15% / 1°C
** 135% Operating time of less than 4 amps.
Recommended fuse panels, holders and fuseclips
Part no.
Description
Max
amps
Lead wire
length/size
15600-_-20
ATC Fuse panel in 4- to 20-poles 20A
—
HHC
Yellow, water resistant in-line
fuse holder
20A
2x4”/#16
HHD
Black, heavy-duty in-line fuse
holder
30A
2x4”/#12
HHF
Black, in-line fuse holder w/
cover
20A
2x4”/#14
HHG
Black, heavy-duty in-line fuse
holder w/cover
30A
2x4”/#12
HHR
Heavy-duty, water resistant in-
line fuse holder
30A
2x5”/#12
BP/HHS-RP
Self-stripping in-line fuse holder 20A
#18 to #14
BP/HHA-RP Add-A-Fuse
10A
N/A
ATC-FHID
Illuminating in-line fuse holder
20A
2x6”/#16
1A5600*
PCB Fuseclip
20A
—
1A5780*
PCB Fuseclip
15A
—
* See Data Sheet No. 2131 for details.
3.65
4.0
0.65
2.29
6.42
4.0
14.5
18.70
5.10
19.10
Dimensions shown are basic for all ampacities, constructions and housing materials.
Test points on select constructions.
See catalog number tables for details.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com