Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEO Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # CEO
Description  CEO BS88 Offset bolted tags
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CEO Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  CEO Datasheet HTML 1Page - Eaton All Rights Reserved. CEO Datasheet HTML 2Page - Eaton All Rights Reserved. CEO Datasheet HTML 3Page - Eaton All Rights Reserved. CEO Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 4115
Effective July 2015
Bussmann series
CEO BS88 Offset bolted tags
EATON www.eaton.com
Catalogue symbol:
•
CEO (Amps)
Technical data:
•
Rated voltage: 500 V a.c. (gG) / 415 V a.c. (gM)
•
Rated current: 32 to 100 A
•
Breaking capacity: 80kA
•
BS reference: A4
•
Class of operation: gG and gM
Standards/approvals:
•
BS88
•
IEC 60269
•
Suitable for use in RoHS compliant applications
Fuse holder (ordered separately)
•
RS100H (Red Spot)
Packaging:
•
MOQ 10
Table 1. Technical data
Part
number
Voltage
Current
rating
(amps)
Energy integrals
I2t (A2S)
Watts
loss
Weight
Pre-
arcing
Total at
415V
W
CEO32
500 V a.c.
32
1000
2760
3.5
75g
CEO40
500 V a.c.
40
1400
3750
4.7
75g
CEO50
500 V a.c.
50
3000
8350
4.9
75g
CEO63
500 V a.c.
63
7000
18,800
5.6
75g
CEO80
500 V a.c.
80
13,000
35,200
7.2
75g
CEO100
500 V a.c.
100
25,000
76,500
8.5
75g
CEO100M125 415 V a.c.
100M125 57,000
150,000
6.5
100g
CEO100M160 415 V a.c.
100M160 72,500
190,000
5
100g
CEO100M200 415 V a.c.
100M200 120,000
290,000
3.5
195g
Dimensions - mm
Catalogue numbers A
B
C
D
E
F
G
H
CEO32-100
109.5
94
58.5
14.3
11
8.7
24.5
21
CEO100M125-160
109
94
58
14.3
11
8.7
26.8
25.8
CEO100M200
110
94
47
19
10
9
29.5
31



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com