Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RES Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # RES
Description  REN (250V) and RES (600V) Renewable Class H size fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

RES Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  RES Datasheet HTML 1Page - Eaton All Rights Reserved. RES Datasheet HTML 2Page - Eaton All Rights Reserved. RES Datasheet HTML 3Page - Eaton All Rights Reserved. RES Datasheet HTML 4Page - Eaton All Rights Reserved. RES Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Description:
Non-current limiting, renewable 250V (REN)
and 600V (RES) Class H size fuses and fuse
links (250V LKN and 600V LKS) for use in
electrical systems where the available fault
current is less than 10,000 amps and
frequent outages dictate the economy of
these renewable type fuses.
NOTE: The 70-600 amp ratings of the REN
and RES fuses are now discontinued.
Suggested replacements are:
•
REN; Use 250V FRN-R Class RK5 fuses
(see data sheet No. 1020)
•
RES; Use 600V FRS-R Class RK5 fuses
(see data sheet No. 1018)
Replacement fuse links for all 1-600A
ratings (250V LKN and 600V LKS) will
continue to be available to service the
installed base of REN and RES fuses.
Specifications:
Ratings
•
Volts
•
REN 250Vac
•
RES 600Vac
•
Amps
•
1-60A
•
Interrupting Rating
•
10kA RMS Sym.
REN (250V) and RES (600V) Renewable
Class H size fuses
Technical Data 1028
250V REN Catalog numbers (1-60 Amps)
REN-1
REN-6
REN-15
REN-40
REN-2
REN-7
REN-20
REN-45
REN-3
REN-8
REN-25
REN-50
REN-4
REN-10
REN-30
REN-60
REN-5
REN-12
REN-35
-
250V REN Carton quantity and weight
Catalog
number
Carton
qty
Weight
lbs (kg)*
REN 1–30
10
0.55 (0.249)
REN 35–60
10
1.40 (0.634)
*Weight per carton.
600V RES Catalog numbers (1-60 Amps)
RES-1
RES-6
RES-20
RES-45
RES-2
RES-8
RES-25
RES-50
RES-3
RES-10
RES-30
RES-60
RES-4
RES-12
RES-35
-
RES-5
RES-15
RES-40
-
600V RES Carton quantity and weight
Catalog
number
Carton
qty
Weight
lbs (kg)*
RES 1–30
10
0.18 (0.082)
RES 35–60
10
0.36 (0.163)
*Weight per carton.
Features
•
These fuses are generally sized at the amp
rating of non-inductive circuits and 300% for
motor circuits.
Recommended fuse blocks
Part number
Description
HM250
250V, 30 and 60A 1-, 2- and
3-pole open fuse blocks
HM600
600V, 30 and 60A 1-, 2 and
3-pole open fuse blocks
For details, see data sheet No. 10289.
Effective December 2015
Supersedes March 2014
BUSSMANN
SERIES


Similar Part No. - RES

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
RES COPAL-RES Datasheet
131Kb / 6P
MANUAL SETTING TYPE OPTICAL ENCODERS
logo
Cooper Bussmann, Inc.
RES-1 COOPER-RES-1 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-1 COOPER-RES-1 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-1 COOPER-RES-1 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-10 COOPER-RES-10 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
More results

Similar Description - RES

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RLN LITTELFUSE-RLN Datasheet
777Kb / 1P
RLN/RLS Class H Fuses
logo
Cooper Bussmann, Inc.
RES-50 COOPER-RES-50 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-150 COOPER-RES-150 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
600V Class H Fuse Blocks
RES-90 COOPER-RES-90 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
KWN-R-1 COOPER-KWN-R-1 Datasheet
1Mb / 4P
250V KWN-R and 600V KWS-R Class RK1 fuses
UHJ-M COOPER-UHJ-M Datasheet
716Kb / 6P
250V and 600V cable limiters
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
250V KWN-R and 600V KWS-R Class RK1 fuses
REN-1 ETC1-REN-1 Datasheet
615Kb / 5P
REN (250V) and RES (600V) Renewable Class H size fuses
logo
Cooper Bussmann, Inc.
H60030-1 COOPER-H60030-1 Datasheet
382Kb / 3P
600V Class H Fuse Blocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com