Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KCZ Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # KCZ
Description  250 V and 600 V cable limiters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

KCZ Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  KCZ Datasheet HTML 1Page - Eaton All Rights Reserved. KCZ Datasheet HTML 2Page - Eaton All Rights Reserved. KCZ Datasheet HTML 3Page - Eaton All Rights Reserved. KCZ Datasheet HTML 4Page - Eaton All Rights Reserved. KCZ Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data 1042
Effective February 2019
Cable limiters
Eaton.com/bussmannseries
250 V UH Series
Catalog Symbol
•
UH__
Applications
•
The 250 Vac UH cable limiters are designed specifically for use in
residential applications.
Ratings
•
Volts: up to 250 Vac
•
Interrupting rating: 100 kA, RMS Sym.
Terminals
•
Center bolt-to-offset bolt — copper or aluminum conductors
Conductors
•
Copper or aluminum conductors are permitted per the listed cable
size. Select the catalog number for the system conductor size in
the table below.
Dimensions — in (mm)
Catalog
no.
Copper
cable size
Aluminum
cable size
A
1
A
2
B
C
D
E
F
G
H
I
UHA
2/0 AWG
4/0 AWG
1.06 (27.0)
1.19 (30.2) 1.44 (36.5) 1.00 (25.4) 0.75 (19.0) 0.12 (3.2)
0.56 (14.3) 0.19 (4.8)
0.59 (15.1) 0.41 (10.3)
UHJ-M
3/0 AWG
250 kcmil
1.53 (38.9)
1.75 (44.4) 1.59 (40.5) 1.50 (38.1) 1.00 (25.4) 0.25 (6.3)
0.87 (22.2) 0.34 (8.6)
0.69 (17.5)
0.56 (14.3)
UHJ-T
350 kcmil
500 kcmil
1.53 (38.9)
1.75 (44.4) 1.59 (40.5) 1.50 (38.1) 1.00 (25.4) 0.25 (6.3)
0.87 (22.2) 0.34 (8.6)
0.69 (17.5)
0.56 (14.3)
UHJ-W
600 kcmil
800 kcmil
1.53 (38.9)
1.75 (44.4) 1.59 (40.5) 1.50 (38.1) 1.00 (25.4) 0.25 (6.3)
0.87 (22.2) 0.34 (8.6)
0.69 (17.5)
0.56 (14.3)
C
A1
F
B
A2
E
D
E
I
G
H
Bolt
terminal
detail



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com