Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KCE Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # KCE
Description  250 V and 600 V cable limiters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

KCE Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  KCE Datasheet HTML 1Page - Eaton All Rights Reserved. KCE Datasheet HTML 2Page - Eaton All Rights Reserved. KCE Datasheet HTML 3Page - Eaton All Rights Reserved. KCE Datasheet HTML 4Page - Eaton All Rights Reserved. KCE Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data 1042
Effective February 2019
Supersedes October 2017
Product description:
Cable limiters are intended to provide short-circuit
protection to electrical systems, typically between
the transformer and service entrance. Should a
short-circuit occur, the cable limiter removes the
affected cable(s) from service and permits the
other conductors to continue delivering power.
Cable limiters are often used in utility low voltage
networks and large multi-cable per phase service
entrances.
Unlike fuses, cable limiters are selected by cable
size rather than amp rating, e.g., a “4/0” limiter
will carry the current of a 4/0 cable.
Limiters are stable, totally self-contained, static
devices with unchanging characteristics that
operate without venting ionized gases or explosive
action.
Under high short-circuit conditions, limiters cut off
fault currents within one-half cycle (0.008 second)
and reduce insulation damage from the immense
heat that is developed by sustained fault current
flow. They confine damage to the point of the
short-circuit and stop long-length cable burn-back
and striking of multiple arcs. This minimizes or
eliminates damage to adjacent conductors.
Features and benefits:
•
Cable limiters enhance multi-conductor system
reliability by isolating faulted conductors and
taking them offline while the balance of the
conductors continue delivering power to their
circuits. This is why cable limiters are often
used in utility low voltage networks and large
multi-cable per phase service entrances.
•
Cable limiters enhance service entrance
conductor short-circuit protection with current-
limiting performance that exceed the typical
protection offered by utility overcurrent
protective devices.
•
Cable limiters meet many system requirements
with 250 Vac or 600 Vac ratings for conductor
sizes from 12 AWG to 1000 kcmil and terminal
options available that make them easy to install
including:
•
Tube-to-tube (crimp)
•
Tube-to-offset bolt (crimp/bolt-in)
•
Tube-to-center bolt (crimp/bolt-in)
•
Compression rod-to-tube (crimp)
•
Bolt-to-offset bolt (bolt-in)
•
Select cable limiters are UL Listed under File
E90818 for use on 600 V circuit for protection
against faults up to 200 kA.
250 V and 600 V cable limiters


Similar Part No. - KCE

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KCE COOPER-KCE Datasheet
716Kb / 6P
250V and 600V cable limiters
logo
M-System Co.,Ltd.
KCE MSYSTEM-KCE Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KCE-10-B MSYSTEM-KCE-10-B Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KCE-10-B/Q MSYSTEM-KCE-10-B/Q Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KCE-10-C MSYSTEM-KCE-10-C Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KCE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600VOLTSAC LITTELFUSE-600VOLTSAC Datasheet
154Kb / 1P
Cable Limiters
LFCL-500-C-1 LITTELFUSE-LFCL-500-C-1 Datasheet
425Kb / 1P
Cable Limiters - 600 Volts AC
logo
List of Unclassifed Man...
X06FF3 ETC-X06FF3 Datasheet
87Kb / 2P
600 V - 1,000 V Rectifiers
logo
Nihon Inter Electronics...
PHMB600A6 NIEC-PHMB600A6_1 Datasheet
150Kb / 4P
600 A 600 V
logo
ON Semiconductor
NCV8508B ONSEMI-NCV8508B Datasheet
223Kb / 22P
5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
logo
Cooper Bussmann, Inc.
HM25060-1MW12 COOPER-HM25060-1MW12 Datasheet
5Mb / 11P
Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
UHJ-M COOPER-UHJ-M Datasheet
716Kb / 6P
250V and 600V cable limiters
RM25060-1MW12 COOPER-RM25060-1MW12 Datasheet
5Mb / 11P
Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
logo
Eaton All Rights Reserv...
NOS EATON-NOS Datasheet
989Kb / 4P
250 V NON/600 V NOS Class K5 and H fuses
logo
Littelfuse
LFCL0500ZC6 LITTELFUSE-LFCL0500ZC6 Datasheet
650Kb / 3P
LFCL CABLE LIMITERS
Rev: 101017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com