Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7167 Datasheet(PDF) 4 Page - Shenzhenshi YONGFUKANG Technology co.,LTD

Part # HT7167
Description  13V, 10A fully integrated synchronous boost converter with output shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YONGFUKANG [Shenzhenshi YONGFUKANG Technology co.,LTD]
Direct Link  http://www.szczkjgs.com/
Logo YONGFUKANG - Shenzhenshi YONGFUKANG Technology co.,LTD

HT7167 Datasheet(HTML) 4 Page - Shenzhenshi YONGFUKANG Technology co.,LTD

  HT7167 Datasheet HTML 1Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 2Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 3Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 4Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 5Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 6Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 7Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 8Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 9Page - Shenzhenshi YONGFUKANG Technology co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HT7167
Synchronous Boost Converter
◼ ORDERING INFORMATION
Part Number
Package Type
Marking
Operating
Temperature Range
Shipping Package /
MOQ
HT7167DNER
DFN20L
HT7167
-40
℃~85℃
Tape and Reel /
5000PCS
◼ ELECTRICAL CHARACTERISTIC
⚫ Absolute Maximum Ratings*2
PARAMETER
Symbol
MIN
MAX
UNIT
Voltage range
BOOT
/
-0.3
SW+7
V
SW, FSW, VOUT, DIS, VIN
-0.3
14.2
EN, VCC, SS, COMP, MODE
-0.3
7
ILIM, FB
-0.3
3.6
Operating temperature range
TA
-40
85
℃
Operating junction temperature range
TJ
-40
150
℃
Storage temperature range
TSTG
-50
150
℃
⚫ Recommended Operating Conditions
PARAMETER
Symbol
CONDITION
MIN
TYP
MAX
UNIT
Input power voltage range
VIN
2.7
13.2
V
IC power supply voltage range
VIN
2.7
13.2
V
Output voltage range
VOUT
4.5
20
V
Inductance, effective value
L
0.47
2.2
10
μH
Input capacitance, effective value
CI
10
μF
Output capacitance, effective value
CO
6.8
47
1000
μF
Operating temperature
Ta
-40
25
85
℃
Operating junction temperature
TJ
-40
125
℃
2 Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is
not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com