Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP49 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LP49
Description  CRYSTAL IN HC-49/S TRU-HOLE PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LP49 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LP49 Datasheet HTML 1Page - List of Unclassifed Manufacturers LP49 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
X2B
Pletronics Inc., 19013 36
th Ave. W., Suite H, Lynnwood, WA 98036-5761 USA
LP49, LP24, & LP21 CRYSTALS
STANDARD EQUIVALENT SERIES RESISTANCE VALUES:
Oscillation Mode
Frequency Range
ESR **
Fundamental Mode
3.180 - 7.000 MHz
130 ohms maximum
(AT-cut)
7.001 - 15.999 MHz
50 ohms maximum
16.000 - 25.000 MHz
40 ohms maximum
25.001 - 30.000 MHz
40 ohms maximum
Fundamental Mode
24.001 - 36.000 MHz
50 ohms maximum
(BT-cut)
36.001 - 47.000 MHz
100 ohms maximum
3rd Overtone Mode
27.000 - 56.000 MHz
100 ohms maximum
(AT-cut)
56.001 - 72.000 MHz
100 ohms maximum
** ESR values lower than indicated may be available. Please contact factory for lower ESR values.
PACKAGE OUTLINE (NOT TO SCALE):
INCHES (MILLIMETERS)
Max Height (H)
LP49
.140 (3.56)
LP24
.100 (2.5)
LP21
.082 (2.1)
January 2000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com