Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LP21
Description  CRYSTAL IN HC-49/S TRU-HOLE PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LP21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LP21 Datasheet HTML 1Page - List of Unclassifed Manufacturers LP21 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telephone: (425) 776-1880, Fax: (425) 776-2760, e-mail: ple-sales@pletronics.com
X2A
LP49, LP24, & LP21
CRYSTALS IN HC-49/S THRU-HOLE PACKAGE
(LP49: 3.5 mm high; LP24: 2.5 mm high; LP21: 2.1mm high)
STANDARD SPECIFICATIONS:
Frequency Range
3.180 MHz - 72.000 MHz (Consult factory for specific available frequencies)
Oscillation Modes
fundamental
(AT-cut)
fundamental
(BT-cut)
3rd overtone
(AT-cut)
3.180 - 30.000 MHz
24.001 - 47.000 MHz
27.000 - 72.000 MHz
Calibration Frequency Tolerance
at 25
°°C
± 50 PPM is standard, but tighter tolerances also available for
certain frequencies.
Frequency Stability over Operating
Temperature Range
± 50 PPM is standard, but tighter tolerances also available for certain
operating temperature ranges.
Operating Temperature Range
0 - 70
°C is standard, but can be extended to -40 - +85°C for certain
frequencies (just add ‘ E’ after model number).
Load Capacitance
10 pF -
∞ pF (∞ pF means Series Resonance). To be specified by customer.
Equivalent Series Resistance (ESR)
See table on next page.
Drive Level
50
µW is standard, but customer may specify different drive level
Aging at 25
°°C
± 5 PPM per year
Shunt Capacitance
7 pF maximum
Pullability
May be specified by customer in terms of frequency shift required over a
certain range of load capacitance, (e.g.+100 PPM from CL=12 to CL=18 pF)
This requirement may be expressed also in terms of motional capacitance
in fanto-Farad (fF).
Packaging
Bulk (100 per bag, 2000 per box)
PART NUMBERING GUIDE:
n
n The Pletronics part number for an LP crystal consists of the following 4 elements:
1.
Model Number: LP49, LP24, or LP21
2.
Load Capacitance:
When the load required is
∞ pF, that is, the calibration is at series resonance:
LP49-SR, LP24-SR, or LP21-SR;
When the load required is XX pF: LP49-XX, LP24-XX, or LP21-XX.
3.
Optional 3
rd Lead from the Base (Case Grounded):
3LP49
4.
Frequency of Operation in MHz
EXAMPLES: LP49-SR-10.000 MHz; LP24-18-10.000 MHz; 3LP49-20-10.000 MHz
n
n When customer’s requirements are non-standard, a special engineering part number will be assigned.


Similar Part No. - LP21

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LP21 PLETRONICS-LP21 Datasheet
91Kb / 6P
Low Profile Crystal
logo
Optronics International
LP21 OPTRONICS-LP21 Datasheet
131Kb / 1P
Heavy Duty License Plate Lights
logo
Texas Instruments
LP211 TI-LP211 Datasheet
240Kb / 11P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI1-LP211 Datasheet
829Kb / 14P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211D TI-LP211D Datasheet
240Kb / 11P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
More results

Similar Description - LP21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA32C3 ETC2-AA32C3 Datasheet
46Kb / 1P
HC-49/U Microprocessor Crystal
logo
Pletronics, Inc.
MP49 PLETRONICS-MP49 Datasheet
90Kb / 6P
HC-49/U Crystal
logo
MMD Components
ASAA1 MMD-ASAA1 Datasheet
50Kb / 1P
HC-49/U Thru-Hole Crystal
BESAA1 MMD-BESAA1 Datasheet
52Kb / 1P
HC-49/US Thru-Hole Crystal
logo
Vectron International, ...
VXB1_VXB2 VECTRON-VXB1_VXB2 Datasheet
356Kb / 3P
HC-49/US SMD Crystal
logo
Suzhou HangJing Electro...
X49SS2 HANGJING-X49SS2 Datasheet
295Kb / 1P
QUARTZ CRYSTAL UNIT IN HC-49/S SMD PACKAGE WITH 2 LEADS
X49SS3 HANGJING-X49SS3 Datasheet
220Kb / 1P
QUARTZ CRYSTAL UNIT IN HC-49/S SMD PACKAGE WITH 3 LEADS
X49ST2 HANGJING-X49ST2 Datasheet
308Kb / 1P
QUARTZ CRYSTAL UNIT IN HC-49/S THRU-HOLE PACKAGE WITH 2 LEADS.
X49ST3 HANGJING-X49ST3 Datasheet
297Kb / 1P
QUARTZ CRYSTAL UNIT IN HC-49/S THRU-HOLE PACKAGE WITH 3 LEADS
X49UT2 HANGJING-X49UT2 Datasheet
289Kb / 1P
QUARTZ CRYSTAL UNIT IN HC-49/U THRU-HOLE PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com