Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAU321 Datasheet(PDF) 2 Page - Total Power International

Part # MAU321
Description  MAU300 Series 2 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MAU321 Datasheet(HTML) 2 Page - Total Power International

  MAU321 Datasheet HTML 1Page - Total Power International MAU321 Datasheet HTML 2Page - Total Power International MAU321 Datasheet HTML 3Page - Total Power International MAU321 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
mW
650
---
Internal Power Dissipation
VDC
30
-0.7
24VDC Input Models
VDC
18
-0.7
12VDC Input Models
VDC
9
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit.
Max.
Min.
Parameter
Absolute Maximum Ratings
Exceeding these values can damage the module.These are not continuous operating ratings.
Specifications typical at Ta=+25],resistive load,nominal input voltage,rated output current unless otherwise noted.
82
5
100
{1
{66
{15
MAU327
81
5
102
{1.5
{83
{12
MAU326
79
8
105
{4
{200
{5
MAU325
82
5
101
2.5
133
15
MAU324
81
5
101
3
165
12
MAU323
77
8
108
8
400
5
MAU322
74
8
15
92
10
500
3.3
24
(21.6 ~ 26.4)
MAU321
82
5
200
{1
{66
{15
MAU317
82
5
201
{1.5
{83
{12
MAU316
79
8
210
{4
{200
{5
MAU315
83
5
200
2.5
133
15
MAU314
82
5
200
3
165
12
MAU313
78
8
212
8
400
5
MAU312
74
8
30
185
10
500
3.3
12
(10.8 ~ 13.2)
MAU311
79
7
501
{1
{66
{15
MAU307
79
7
504
{1.5
{83
{12
MAU306
77
10
519
{4
{200
{5
MAU305
80
7
499
2.5
133
15
MAU304
80
7
495
3
165
12
MAU303
76
11
526
8
400
5
MAU302
73
11
60
452
10
500
3.3
5
(4.5 ~ 5.5)
MAU301
Efficiency
% (Typ.)
Load
Regulation
% (Max.)
Input
Current
No Load
mA (Typ.)
Input
Current
Max. Load
mA (Typ.)
Output
Current
mA (Min.)
Output
Current
mA (Max.)
Output
Voltage
VDC
Input
voltage
VDC
Model
Number
Model Selection Guide
Free-Air Convection
Cooling
%
95
---
---
Humidity
]
+125
---
-40
Storage Temperature
]
+70
---
-25
Operating Temperature
Unit
Max.
Typ.
Min.
Conditions
Parameter
Environmental Specifications
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-
TOTAL POWER INT'L
MAU300



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com