Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM293 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # LM293
Description  Low Power Low Offset Voltage Dual Comparators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

LM293 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  LM293 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd LM293 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
www.kexin.com.cn
Integrate Circuit
Electrical Characteristics (VCC =5.0 V, -25
TA
85
, unless otherwise noted.)
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
TA =25
1.0
5.0
0
TA
70
9.0
TA =25
5.0
50
0
TA
70
150
TA =25
25
250
0
TA
70
400
TA =25
0
VCC -
1.5
0
TA
70
0
VCC -
2.0
Voltage Gain
AVOL
RL
15 k
,VCC =15V, TA =25
50
200
V/mV
Large Signal Response Time
Vin = TTL Logic Swing, Vref =1.4 V,VRL =5.0 V,
RL =5.1 k
,TA =25
300
ns
Response Time *4
tTLH
VRL =5.0 V, RL =5.1 k
,TA= 25
1.3
s
Input Differential Voltage *5
VID
All Vin
GND or V-Supply (if used)
VCC
V
Output Sink Current
ISink
Vin
1.0 V, Vin+ =0V, VO
1.5 V TA =25
6.0
16
mA
Vin
1.0 V, Vin+=0, ISink
4.0 mA, TA =25
150
400
0
TA
70
700
Vin- =0V, Vin+
1.0 V, VO =5.0 V, TA =25
0.1
Vin- =0V, Vin+
1.0 V, VO =30V,0
TA
70
1000
RL =
Both Comparators, TA =25
0.4
1.0
RL =
Both Comparators, VCC =30V
2.5
*1. At output switch point, VO=1.4 V, RS =0ÙwithVCC from 5.0 V to 30 V, and over the full input common mode range (0 V to
VCC =-1.5V).
*2. Due to the PNP transistor inputs, bias current will flow out of the inputs. This current is essentially constant, independent of
the output state, therefore, no loading changes will exist on the input lines.
*3. Input common mode of either input should not be permitted to go more than 0.3 V negative of ground or minus supply.
The upper limit of common mode range is VCC -1.5 V.
*4. Response time is specified with a 100 mV step and 5.0 mV of overdrive. With larger magnitudes of overdrive faster response
times are obtainable.
*5. The comparator will exhibit proper output state if one of the inputs becomes greater than VCC, the other input must remain
within the common mode range. The low input state must not be less than -0.3 V of ground or minus supply.
Output Leakage Current
Supply Current
nA
V
mV
nA
mA
Input Common Mode Voltage Range *2
ICC
Input Bias Current *2
Output Saturation Voltage
mV
nA
Input Offset Current
IIO
VIO
Input Offset Voltage*1
IOL
IIB
VICR
VOL
LM293



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com