Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4039NHKP Datasheet(PDF) 3 Page - Sinopower Semiconductor Inc

Part # SM4039NHKP
Description  N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM4039NHKP Datasheet(HTML) 3 Page - Sinopower Semiconductor Inc

  SM4039NHKP Datasheet HTML 1Page - Sinopower Semiconductor Inc SM4039NHKP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM4039NHKP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM4039NHKP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM4039NHKP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM4039NHKP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM4039NHKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM4039NHKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM4039NHKP Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SM4039NHKP
Copyright © Sinopower Semiconductor Inc.
Rev. A.2 - November, 2018
www.sinopowersemi.com
Electrical Characteristics (TA= 25°C unless otherwise noted)
3
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
Static Characteristics
BVDSS Drain-Source Breakdown Voltage
VGS=0V, IDS=250mA
40
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=32V, VGS=0V
-
-
1
m
A
TJ=85°C
-
-
30
VGS(th) Gate Threshold Voltage
VDS=VGS, IDS=250mA
1.4
1.8
2.5
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±10
m
A
RDS(ON) d Drain-Source On-state Resistance
VGS=10V, IDS=20A
-
5.6
6.7
mW
TJ=125°C
-
9.2
-
VGS=4.5V, IDS=15A
-
7.9
10.3
Gfs
Forward Transconductance
VDS=5V, IDS=15A
-
21
-
S
Diode Characteristics
VSD d
Diode Forward Voltage
ISD=20A, VGS=0V
-
0.85
1.1
V
trr
Reverse Recovery Time
IDS=20A, dlSD/dt=100A/ms
-
18.3
-
ns
ta
Charge Time
-
8
-
tb
Discharge Time
-
10.2
-
Qrr
Reverse Recovery Charge
-
6.4
-
nC
Dynamic Characteristics e
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
1.5
-
W
Ciss
Input Capacitance
VGS=0V,
VDS=20V,
Frequency=1.0MHz
-
911
1185
pF
Coss
Output Capacitance
-
222
-
Crss
Reverse Transfer Capacitance
-
30
-
td(ON)
Turn-on Delay Time
VDD=20V, RL=20W,
IDS=1A, VGEN=10V,
RG=6W
-
11.3
21
ns
tr
Turn-on Rise Time
-
8.2
15
td(OFF)
Turn-off Delay Time
-
22.6
41
tf
Turn-off Fall Time
-
15.4
28
Gate Charge Characteristics e
Qg
Total Gate Charge
VDS=20V, VGS=10V,
IDS=20A
-
15
21
nC
Qg
Total Gate Charge
VDS=20V, VGS=4.5V,
IDS=20A
-
7.1
-
Qgth
Threshold Gate Charge
-
1.65
-
Qgs
Gate-Source Charge
-
3.2
-
Qgd
Gate-Drain Charge
-
1.9
-
Note d:Pulse test ; pulse width≤300ms, duty cycle≤2%.
Note e:Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com