Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4301PSUCC-TUG Datasheet(PDF) 2 Page - Sinopower Semiconductor Inc

Part # SM4301PSUCC-TUG
Description  P-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM4301PSUCC-TUG Datasheet(HTML) 2 Page - Sinopower Semiconductor Inc

  SM4301PSUCC-TUG Datasheet HTML 1Page - Sinopower Semiconductor Inc SM4301PSUCC-TUG Datasheet HTML 2Page - Sinopower Semiconductor Inc SM4301PSUCC-TUG Datasheet HTML 3Page - Sinopower Semiconductor Inc SM4301PSUCC-TUG Datasheet HTML 4Page - Sinopower Semiconductor Inc SM4301PSUCC-TUG Datasheet HTML 5Page - Sinopower Semiconductor Inc SM4301PSUCC-TUG Datasheet HTML 6Page - Sinopower Semiconductor Inc SM4301PSUCC-TUG Datasheet HTML 7Page - Sinopower Semiconductor Inc SM4301PSUCC-TUG Datasheet HTML 8Page - Sinopower Semiconductor Inc SM4301PSUCC-TUG Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.sinopowersemi.com
2
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.7 - June, 2016
®
SM4301PSU/SM4301PSUC
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS Drain-Source Breakdown Voltage
VGS=0V, IDS=-250mA
-30
-
-
V
VDS=-24V, VGS=0V
-
-
-1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-
-
-30
mA
VGS(th) Gate Threshold Voltage
VDS=VGS, IDS=-250mA
-1.3
-1.8
-2.3
V
IGSS
Gate Leakage Current
VGS=±25V, VDS=0V
-
-
±100
nA
VGS=-10V, IDS=-25A
-
5.2
6.5
RDS(ON)
c Drain-Source On-state Resistance
VGS=-4.5V, IDS=-20A
-
8.5
11.5
m
W
Note a:Pulse width limited by max. junction temperature.
Note b:UIS tested and pulse width limited by maximum junction temperature 150
oC (initial temperature Tj=25oC).
Symbol
Parameter
Rating
Unit
Common Ratings
VDSS
Drain-Source Voltage
-30
V
VGSS
Gate-Source Voltage
±25
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
IS
Diode Continuous Forward Current
TC=25°C
-30
A
ID
Continuous Drain Current
TC=25°C
-88
TC=100°C
-55
IDM
Pulsed Drain Current
TC=25°C
-352
a
PD
Maximum Power Dissipation
TC=25°C
78
W
TC=100°C
31
RqJC
Thermal Resistance-Junction to Case
Steady State
1.6
°C/W
ID
Continuous Drain Current
TA=25°C
-25
A
TA=70°C
-20
PD
Maximum Power Dissipation
TA=25°C
6.3
W
TA=70°C
4
RqJA
Thermal Resistance-Junction to Ambient
t
£ 10s
20
°C/W
Steady State
55
IAS
c
Avalanche Current, Single pulse
L=0.1mH
-42
A
EAS
c
Avalanche Energy, Single pulse
L=0.1mH
88
mJ
Absolute Maximum Ratings (T
A = 25°C Unless Otherwise Noted)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com