Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2581 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2581
Description  DUAL SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2581 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2581 Datasheet HTML 1Page - New Japan Radio NJM2581 Datasheet HTML 2Page - New Japan Radio NJM2581 Datasheet HTML 3Page - New Japan Radio NJM2581 Datasheet HTML 4Page - New Japan Radio NJM2581 Datasheet HTML 5Page - New Japan Radio NJM2581 Datasheet HTML 6Page - New Japan Radio NJM2581 Datasheet HTML 7Page - New Japan Radio NJM2581 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
-7 -
NJM2581
Ver.7
s
s
s
s TYPICAL CHARACTERISTICS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Differential Gain vs. Supply Voltage
1ch
2ch
3ch
Supply Voltage V
+ (V)
1Vpp, 10step video signal input
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Differential Phase vs. Supply Voltage
1ch
2ch
3ch
Supply Voltage V
+ (V)
1Vpp, 10step video signal input
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Cross Talk 1 vs. Supply Voltage
IN1OUT2
IN1OUT3
IN2OUT1
IN2OUT3
IN3OUT1
IN3OUT2
Supply Voltage V
+ (V)
1Vpp, 4.43MHz sinewave signal input
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Cross Talk 2 vs. Supply Voltage
IN1OUT2
IN1OUT3
IN2OUT1
IN2OUT3
IN3OUT1
IN3OUT2
Supply Voltage V
+ (V)
1Vpp, 50MHz sinewave signal input
40.0
50.0
60.0
70.0
80.0
90.0
100.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Signal to Noise Retio vs. Supply Voltage
1ch
2ch
3ch
Supply Voltage V
+ (V)
1.0Vpp, 100% white video signal input
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Channel Gain Difference vs. Supply Voltage
Supply Voltage V
+ (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com