Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE4064A Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPCE4064A
Description  16-bit Sound Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE4064A Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPCE4064A Datasheet HTML 1Page - Generalplus Technology Inc. GPCE4064A Datasheet HTML 2Page - Generalplus Technology Inc. GPCE4064A Datasheet HTML 3Page - Generalplus Technology Inc. GPCE4064A Datasheet HTML 4Page - Generalplus Technology Inc. GPCE4064A Datasheet HTML 5Page - Generalplus Technology Inc. GPCE4064A Datasheet HTML 6Page - Generalplus Technology Inc. GPCE4064A Datasheet HTML 7Page - Generalplus Technology Inc. GPCE4064A Datasheet HTML 8Page - Generalplus Technology Inc. GPCE4064A Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
GPCE4XXXX
© Generalplus Technology Inc.
Proprietary & Confidential
4
Jun. 26, 2017
Version: 1.1
16-BIT SOUND CONTROLLER
1 GENERAL DESCRIPTION
GPCE4xxxx, a 16-bit architecture sound controller with USB
interface, features the newest 16-bit microprocessor,
’nSP2.0™
(pronounced as micro-n-SP 2.0). This high processing speed
assures the
’nSP2.0™ is capable of handling complex digital
signal processes easily and rapidly.
Therefore, GPCE4xxxx is
applicable for the areas of digital sound process and voice
recognition.
The operating voltage of 2.4V through 5.5V and
speed up to 48MHz yield the GPCE4xxxx to be easily used in
varieties of applications.
The memory capacity includes ROM
(or OTP) plus a 4K-word working SRAM and 2K-word Cache
RAM (also can be working RAM). Other features including 48
programmable multi-functional I/Os, five 16-bit timers/counters,
32768Hz Real Time Clock, Low Voltage Reset/Detection, eight
channels 12-bit ADC (one channel built-in MIC amplifier with auto
gain controller), capacitive touch sensor, one SPI flash controller,
one 16-bit DAC with push-pull amplifier and many others.
2 FEATURES
 16-bit
’nSP2.0™ microprocessor
 CPU Clock: max. 48MHz
 Operating Voltage: 2.4V - 5.5V
 Power regulator built-in with input voltage: 2.4~5.5V, output
voltage: 2.4~3.3V
 IO PortA & B & C Operating Voltage: 2.4V - 5.5V
 Fast speed OTP or ROM (by body)
 4K-word working SRAM
 2K-word cache SRAM (also can be released to working-RAM)
 Total 384-byte buffer RAM
 Software-based audio processing
 Two sets of 14-bit software channel with noise filter, mixer and
scalar to play high quality sound
 Standby mode for power saving
 Total five 16-bit timers, including three general-purpose 16-bit
timers/counters, two touch-sensing timers (also can released
for general-purpose use).
 One 14-bit DAC with push-pull amplifier. Supports cascade
mode as well as stereo mode
 48 general I/Os (bit programmable)
 Key wakeup function (IOA0 - 15, IOB0-15, IOC0-15)
 Capacitor touch-sensing hardware for 48 I/O
 PLL feature for system clock
 32768Hz Real Time Clock (RTC), crystal or internal resistor
oscillator selected.
 Eight channels 12-bit AD converter, Built-in microphone
amplifier and AGC or PGA function selected
 Low voltage reset and low voltage detection
 Watchdog Enable (option)
 Two SPI serial interface I/Os. One is SPI flash controller which
supports one-I/O, two-I/O, four-I/O modes and support auto
read/program mode. The other is normal SPI interface.
 Supports USB 2.0 full speed (12MHz) compliant device with
built-in transceiver (by body option)
3 APPLICATION FIELD
 Voice Recognition Products
 Intelligent Interactive Talking Toys
 Advanced Educational Toys
 Kids Learning Products
 Kids Storybook
 General Speech Synthesizer
 Long Duration Audio Products
 Recording / Playback Products



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com