Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA6010 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA6010
Description  Precision Load Switch with Adjustable Current Limit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA6010 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA6010 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA6010
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
Precision Load Switch with Adjustable Current Limit
DESCRIPTION
The ETA6010 is a load switch which provides full protection
to systems and loads which may encounter large current
conditions. ETA6010 offers a 95mΩ current-limited switch
which can operate over an input voltage range of 2.5-5.5V.
The current limit can be externally programmed by a
precision resistor, ranges from 75mA to 1.3A. Switch
control is by a logic input (EN) capable of interfacing
directly with low voltage control signals. Current is
prevented from flowing when the switch is off and the
output voltage is higher than the input voltage. ETA6010
also features thermal shutdown protection which shuts off
the switch to prevent damage to the part when a
continuous over-current condition causes excessive
heating. When the switch current reaches the current limit,
the parts operate in a constant-current mode to prohibit
excessive currents from causing damage. The ETA6010 will
not turn off after a current limit fault, but will rather
remain in the constant current mode indefinitely.
ETA6010 is housed in a tiny SOT23-5L package
APPLICATION
USB ports/Hubs
Hot Swaps
Cellphones
Tablet PC
Set Top Box
PC motherboard
Handheld Devices
FEATURES
Up to 1.3A Max Load current
Accurate Current-limit threshold: +/-5%
Programmable Current-limit : 75mA to 1.3A
Fast Over-Current Response
Reversed Current blocking
Thermal Shutdown, UVLO protection
Tiny SOT23-5L Package
TYPICAL APPLICATION
OUT
ILIM
IN
EN
GND
RILIM
0.1µ F
120µ F
USB
PORT
5V USB INPUT


Similar Part No. - ETA6010

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA6002 ETA-ETA6002 Datasheet
173Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path in 8-pin ESOP
ETA6002E8A ETA-ETA6002E8A Datasheet
173Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path in 8-pin ESOP
ETA6003 ETA-ETA6003 Datasheet
187Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
ETA6003Q3Q ETA-ETA6003Q3Q Datasheet
187Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
ETA6005 ETA-ETA6005 Datasheet
186Kb / 1P
2.5A / 4.35V, 3MHz Switching Charger with Dynamic Power Path Management
More results

Similar Description - ETA6010

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2213 FAIRCHILD-FPF2213 Datasheet
1Mb / 14P
Integrated Load Switch with Adjustable High Precision Current Limit
FPF2223 FAIRCHILD-FPF2223 Datasheet
1Mb / 14P
Integrated Load Switch with Adjustable High Precision Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2214 FAIRCHILD-FPF2214_09 Datasheet
1Mb / 14P
Integrated Load Switch with Adjustable High Precision Current Limit
logo
ON Semiconductor
FPF2213 ONSEMI-FPF2213 Datasheet
833Kb / 15P
Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
FPF2223 ONSEMI-FPF2223 Datasheet
843Kb / 15P
Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
ETA SOLUTIONS CO. LIMIT...
ETA6020 ETA-ETA6020 Datasheet
207Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
Precision Load Switch with Adjustable Current Limit
VER 1.2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com