Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC08BT1 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MAC08BT1
Description  Sensitive Gate Triacs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MAC08BT1 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  MAC08BT1 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MAC08BT1 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MAC08BT1 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd MAC08BT1 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd MAC08BT1 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Type
Thyristor
4
www.kexin.com.cn
6
Figure 8. Power Dissipation
1.0
0.8
0.7
0.5
0.4
0.2
0
IT(RMS), RMS ON-STATE CURRENT (AMPS)
Figure 9. Thermal Response, Device
Mounted on Figure 1 Printed Circuit Board
0.5
0.4
0.3
0.2
0.1
0
0.6
0.7
0.8
dc
90
°
120
°
10
1.0
di/dtc, RATE OF CHANGE OF COMMUTATING CURRENT (A/mS)
t, TIME (SECONDS)
0.01
1.0
0.001
0.0001
1.0
0.01
0.1
10
100
10
0.1
10
1.0
TJ, JUNCTION TEMPERATURE (°C)
90
80
70
60
100
110
VDRM = 200 V
400 Hz
300 Hz
0.9
0.6
0.3
0.1
1.0
110
°
VDRM
ITM
60 Hz
tw
30
°
f =
1
2 tw
60
°
80
°
180 Hz
α = 180°
60
°
(di dt)c +
6f I
TM
1000
100
°
α
α
α = CONDUCTION
ANGLE
Figure 10. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Voltage (dv/dt)c
LL
1N4007
200 V
+
MEASURE
I
–
CHARGE
CONTROL
CHARGE
TRIGGER
NON-POLAR
CL
51
W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (dv/dt)c. See AN1048 for additional information.
RS
ADJUST FOR
dv/dt(c)
CS
Figure 11. Typical Commutating dv/dt versus
Current Crossing Rate and Junction Temperature
Figure 12. Typical Commutating dv/dt versus
Junction Temperature at 0.8 Amps RMS
MAC08BT1,MAC08MT1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com