Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813U Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF8813U
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813U Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF8813U Datasheet HTML 35Page - NXP Semiconductors PCF8813U Datasheet HTML 36Page - NXP Semiconductors PCF8813U Datasheet HTML 37Page - NXP Semiconductors PCF8813U Datasheet HTML 38Page - NXP Semiconductors PCF8813U Datasheet HTML 39Page - NXP Semiconductors PCF8813U Datasheet HTML 40Page - NXP Semiconductors PCF8813U Datasheet HTML 41Page - NXP Semiconductors PCF8813U Datasheet HTML 42Page - NXP Semiconductors PCF8813U Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
2004 Mar 05
39
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
15 DC CHARACTERISTICS
VDD1 = 1.7 to 3.3 V; VSS =0V; VLCD = 3.0 to 9.0 V; Tamb = −40 to +85 °C; unless otherwise specified.
Notes
1. VDD2 and VDD3 are always equal.
2. The maximum possible VLCD voltage that may be generated depends on voltage, temperature and load (display).
3. Valid for the temperature, VPR and TC values used at calibration.
4. Normal mode and internal clock.
5. Conditions: VDD1 = 1.8 V; VDD2 = 2.70 V; VLCD = 7.6 V; voltage multiplier = 4 × VDD2; bias system 1/9; inputs at VDD1
or VSS; VLCD generation = internal; VLCD output loaded by 10 µA; Tamb =25 °C.
6. fINTCLK = 0 (no data bus clock).
7. Power-down mode; during Power-down all static currents are switched off.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD1
supply voltage (logic circuits)
1.7
−
3.3
V
VDD2, VDD3
supply voltage (voltage multiplier)
note 1
2.4
−
4.5
V
VLCDIN
LCD supply voltage input
3.0
−
9.0
V
VLCDOUT
generated LCD supply voltage
note 2
4.5
−
9.0
V
VLCD(tol)
tolerance of generated LCD supply
voltage
note 3
−70
−+70
mV
IDD(tot)
total supply current
(IDD1 +IDD2 +IDD3)
normal mode; notes 4, 5, 6
−
100
300
µA
Power-down mode; note 7
−
0.5
10
µA
IDD1
supply current
external VLCD; notes 4, 6, 8 −
10
35
µA
ILCD
LCD supply current
external VLCD; notes 4, 6, 8 −
30
−µA
Logic circuits
VOL
LOW-level output voltage
IOL = 0.5 mA
VSS
−
0.2VDD
V
VOH
HIGH-level output voltage
IOH = −0.5 mA
0.8VDD
−
VDD
V
VIL
LOW-level input voltage
VSS
−
0.2VDD
V
VIH
HIGH-level input voltage
0.8VDD
−
VDD
V
IL
leakage current
VI =VDD or VSS
−1
−
+1
µA
Column and row outputs
Rcol
column output resistance
C0 to C101
VLCD = 7.6 V; note 9
−
520
k
Ω
Rrow
row output resistance R0 to R67
VLCD = 7.6 V; note 9
−
520
k
Ω
Vcol(tol)
bias tolerance C0 to C101
note 9
−100
0
+100
mV
Vrow(tol)
bias tolerance R0 to R67
note 9
−100
0
+100
mV
LCD supply voltage generator
TC
VLCD temperature compensation
VLCD(nom) = 8.6 V
temperature coefficient 0
−
0.00
−
mV/K
temperature coefficient 1
−−0.23
−
mV/K
temperature coefficient 2
−−0.48
−
mV/K
temperature coefficient 3
−−0.64
−
mV/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com