Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTH10 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBTH10
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBTH10 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBTH10 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBTH10 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MMBTH10 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
MMBTH10 (KMBTH10)
■
Typical Characterisitics
1
1
0
10
100
1000
0
2
4
6
8
10
12
h
FE
——
COMMON EMITTER
V
CE=10V
50
I
C
T
a=25
℃
T
a=100
℃
COLLECTOR CURRENT I
C
(mA)
0
2
4
6
8
10
Static Characteristic
50uA
45uA
40uA
35uA
30uA
25uA
20uA
15uA
10uA
I
B=5uA
COMMON
EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
0.1
1
10
0.01
0.1
1
0.1
1
10
0.4
0.6
0.8
1.0
50
β=10
T
a=100
℃
T
a=25
℃
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
50
β=10
I
C
V
BEsat
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
0.1
1
10
0.1
1
10
0.2
0.4
0.6
0.8
1.0
0.1
1
10
f=1MHz
I
E=0/IC=0
T
a=25
℃
20
V
CB/ VEB
C
ob/ Cib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
COMMON EMITTER
V
CE=10V
50
T
a=100
℃
T
a=25
℃
BASE-EMMITER VOLTAGE V
BE (V)
3
0.3
I
C
——
V
BE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com