Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNM2020 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # WNM2020
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

WNM2020 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  WNM2020 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd WNM2020 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd WNM2020 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd WNM2020 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel MOSFET
WNM2020
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=16V, VGS=0V
1
uA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±5V
±
5
uA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
0.45
0.85
V
VGS=4.5V, ID=0.55A
310
VGS=2.5V, ID=0.45A
360
VGS=1.8V, ID=0.35A
460
Forward Transconductance
gFS
VDS=5V, ID=0.55A
2
S
Input Capacitance
Ciss
50
Output Capacitance
Coss
13
Reverse Transfer Capacitance
Crss
8
Total Gate Charge
Qg
1.15
Threshold Gate Charge
Qg(th)
0.06
Gate Source Charge
Qgs
0.15
Gate Drain Charge
Qgd
0.23
Turn-On DelayTime
td(on)
22
Turn-On Rise Time
tr
80
Turn-Off DelayTime
td(off)
700
Turn-Off Fall Time
tf
380
Maximum Body-Diode Continuous Current
IS
0.35
A
Diode Forward Voltage
VSD
IS=0.35A,VGS=0V
0.5
1.5
V
ns
mΩ
VDD=10V, VGS=4.5V,
ID =0.55A, RG=6Ω
RDS(On)
Static Drain-Source On-Resistance
VGS=0V, VDS=10V, f=100KHz
VGS=4.5V, VDS=10V, ID=0.55A
pF
nC
■
Marking
Marking
W28*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com