Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMF02P02H Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMF02P02H
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF02P02H Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMF02P02H Datasheet HTML 1Page - Excelliance MOS Corp. EMF02P02H Datasheet HTML 2Page - Excelliance MOS Corp. EMF02P02H Datasheet HTML 3Page - Excelliance MOS Corp. EMF02P02H Datasheet HTML 4Page - Excelliance MOS Corp. EMF02P02H Datasheet HTML 5Page - Excelliance MOS Corp. EMF02P02H Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
 
2016/3/15 
p.4 
EMF02P02H
-V - Gate-Source Voltage( V )
0.5
0
10
GS
1.0
1.5
V = - 5V
30
40
50
DS
2.5
2.0
3.0
125°C
25°C
Transfer Characteristics
20
Body Diode Forward Voltage Variation
with Source Current and Temperature
25°C
T   = 125°C
‐V   ‐ Body Diode Forward Voltage( V )
0.001
0
0.01
0.1
0.4
SD
0.2
0.6
V    = 0V
1
10
100
A
GS
1.0
0.8
1.2
‐55°C
1.4
T   = 25°C
‐ V   ‐ Gate‐Source Voltage( V )
0.004
0
0
0.002
0.006
2
GS
4
A
0.012
0.008
0.010
0.014
A
T   = 125°C
68
10
I   = ‐ 20A
D
On‐Resistance Variation with Gate‐Source Voltage
I      = ‐ 20 A
T   ‐ Junction Temperature (°C)
‐50
0.4
0.7
1.0
J
‐25
0
25
50
D
V     = ‐ 4.5V
1.3
1.6
1.9
GS
150
100
75
125
On‐Resistance Variation with Temperature
‐V   ,Drain‐Source Voltage( V )
On‐Region Characteristics
20
0.5
0
0
10
1.5
DS
12
‐4.5V
‐10V
40
30
50
‐3.0V
2.5
3
V  =‐2.5V
GS
‐I   ,Drain Current( A ) 
On‐Resistance Variation with Drain Current and Gate Voltage
0.5
0
1.0
1.5
10
D
20
GS
V   = ‐2.5V
2.0
2.5
3.0
30
40
50
10V
‐4.5V
‐3.0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com