Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMF09P02A Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part # EMF09P02A
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF09P02A Datasheet(HTML) 5 Page - Excelliance MOS Corp.

  EMF09P02A Datasheet HTML 1Page - Excelliance MOS Corp. EMF09P02A Datasheet HTML 2Page - Excelliance MOS Corp. EMF09P02A Datasheet HTML 3Page - Excelliance MOS Corp. EMF09P02A Datasheet HTML 4Page - Excelliance MOS Corp. EMF09P02A Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
 
2015/9/10 
p.5 
EMF09P02A
DS
V     = ‐ 5V
Q   ‐ Gate Charge( nC )
0
0
1
2
g
15
30
I   = ‐ 24A
3
4
5
D
60
45
75
‐ 10V
Gate Charge Characteristics
‐ V   , Drain‐Source Voltage( V )
Capacitance Characteristics
6000
0
0
2000
4000
Crss
DS
5
Coss
8000
10000
12000
10
15
20
Ciss
f =1MHz
VGS=0 V
Maximum Safe Operating Area
JC
Tc = 25 C
R    = 2.2 C/W
SINGLE PULSE
GS
V   = ‐4.5V
0.5
0.5
1
θ
°
1
DS
°
R  
    
 Li
mi
t
10
100
300
ds
(on
)
DC
10
100
100  s
10  s
100m
s
10ms
1ms
μ
μ
‐V   ,Drain‐Source Voltage( V )
0.5
0.3
0.2
0.05
0.03
0.02
Notes:
C
θ
JC
θ
JC
100
1000
J
10
1
1
DM
1.Duty Cycle,D =
2.R     =2.2°C/W
θ
JC
3.T  ‐  T   = P * R     (t)
4.R    (t)=r(t) * R
θ
JC
1
0.2
0.05
0.1
0.1
Duty Cycle = 0.5
0.01
Single Pulse
‐2
10
0.02
0.01
10
Transient Thermal Response Curve
t  ,Time ( mSEC )
‐1
t1
t2
SINGLE PULSE TIME ( mSEC ) 
SINGLE PULSE MAXIMUM POWER DISSIPATION
0.01
0
1000
500
0.1
1
2500
1500
2000
3000
10
100
1000
R    = 2.2 C/W
SINGLE PULSE
C
°
T  = 25 C
θJC
°
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com