Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO2103 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RO2103
Description  Ideal for 418 MHz Transmitters, Very Low Series Resistance, Quartz Stability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2103 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RO2103 Datasheet HTML 1Page - RF Monolithics, Inc RO2103 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-9148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2103-102599
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency (+25 °C)
Absolute Frequency
fC
2, 3, 4, 5
417.925
418.075
MHz
Tolerance from 418.000 MHz
∆f
C
±75
kHz
Insertion Loss
IL
2, 5, 6
1.6
2.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
12,100
50
Ω Loaded Q
QL
2,000
Temperature Stability
Turnover Temperature
TO
6, 7, 8
20
35
50
°C
Turnover Frequency
fO
fc + 1.3
kHz
Frequency Temperature Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
20
26
Ω
Motional Inductance
LM
91.0109
µH
Motional Capacitance
CM
1.59292
fF
Pin 1 to Pin 2 Static Capacitance
CO
5, 6, 9
1.7
2.0
2.3
pF
Transducer Static Capacitance
CP
5, 6, 7, 9
1.7
pF
Test Fixture Shunt Inductance
LTEST
2, 7
83
nH
Lid Symbolization (in Addition to Lot and/or Date Codes)
RFM RO2103
TO39-3 Case
•
Ideal for 418 MHz Transmitters
•
Very Low Series Resistance
•
Quartz Stability
•
Rugged, Hermetic, Low-Profile TO39 Case
•
Complies with Directive 2002/95/EC (RoHS)
The RO2103 is a true one-port, surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It pro-
vides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters operating at
418.0 MHz. The RO2103 is designed specifically for remote-control and wireless security transmitters oper-
ating in the United Kingdom under dTI MPT 1340 and in the USA under FCC Part 15.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See: Typical Test Circuit)
+0
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
418.0 MHz
SAW
Resonator
RO2103
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less.
Aging may exceed the specification for prolonged temperatures above +65°C.
Typically, aging is greatest the first year after manufacture, decreasing signifi-
cantly in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point, ILMIN,
with the resonator in the 50
Ω test system (VSWR ≤ 1.2:1). The shunt induc-
tance, LTEST, is tuned for parallel resonance with CO at fC. Typically, fOSCILLA-
TOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197 and others pending.
4.
Typically, equipment designs utilizing this device require emissions testing and
government approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are subject
to change without notice.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) fre-
quency, fO. The nominal frequency at any case temperature, TC, may be calcu-
lated from: f= fO [1- FTC (TO -TC)
2]. Typically, oscillator T
O is 20°C less than
the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the reso-
nant frequency and is provided for reference only. The capacitance CO is the
static (nonmotional) capacitance between pin1 and pin 2 measured at low fre-
quency (10 MHz) with a capacitance meter. The measurement includes case
parasitic capacitance with a floating case. For usual grounded case applica-
tions (with ground connected to either pin 1 or pin 2 and to the case), add
approximately 0.25 pF to CO.
Pb


Similar Part No. - RO2103

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2103A RFM-RO2103A Datasheet
169Kb / 2P
418.0 MHz SAW Resonator
More results

Similar Description - RO2103

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2156E RFM-RO2156E Datasheet
96Kb / 2P
Ideal for European 868.95 MHz Transmitters
RO2216D-6 RFM-RO2216D-6 Datasheet
101Kb / 2P
Ideal for European 905.800 MHz Transmitters
logo
Oscilent Corporation
640 OSCILENT-640 Datasheet
141Kb / 3P
Quartz Stability
logo
Vanlong Technology Co.,...
SR303M75 VANLONG-SR303M75 Datasheet
104Kb / 2P
Ideal for 303.75 MHz Transmitters
logo
SynQor Worldwide Headqu...
MACF-U-230-ET SYNQOR-MACF-U-230-ET Datasheet
5Mb / 9P
Very low series resistance
logo
Murata Manufacturing Co...
RO3101A-1 MURATA-RO3101A-1 Datasheet
196Kb / 2P
Ideal for European 433.92 MHz Transmitters
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
Ideal for 318 MHz Remote Control and Security Transmitters
RO3144D MURATA-RO3144D Datasheet
249Kb / 2P
Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
RO3144E-1 MURATA-RO3144E-1 Datasheet
219Kb / 2P
Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
RO3164D MURATA-RO3164D Datasheet
300Kb / 3P
Ideal for European 868.35 MHz Transmitters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com