Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA6122 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA6122
Description  6-Pin CSP 30V Over-Voltage-Protection IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA6122 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA6122 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA6122
www.etasolution.com
1
Powering Minds of the Smart
6-Pin CSP 30V Over-Voltage-Protection IC
DESCRIPTION
FEATURES
ETA6122 is an Over-Voltage-Protection (OVP) IC with an ultra-
low 45mΩ RDSON high current high voltage MOSEFT. It can
sustain voltage as high as 32V DC, protecting downstream
devices from high voltage surges.
When input voltage of ETA6122 exceed the OVP threshold, it
responses quickly and shuts off the MOSFET. The OVP threshold
can be externally adjustad with resistors at OVLO pin. There is
also an over-current-protection feature for the switch. When
overload condition occurs, it goes into a hiccup mode to
protect the IC from over-heating. It also has an over-
temperature protection feature that turns off the MOSFET.
Over voltage protection up to 32V
45mohm switch resistance
Externally adjustable OVP voltage
60ns Fast Transient response
Internally set current limit
APPLICATIONS
Tablet, MID
Smart Phone
Car camera
Power bank
TYPICAL APPLICATION
ORDERING INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA6122CSG
CSP2x3-6
6122
YWWL
3000


Similar Part No. - ETA6122

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA6121 ETA-ETA6121 Datasheet
291Kb / 1P
Over-Voltage Protection Load Switch
ETA6121CSM ETA-ETA6121CSM Datasheet
291Kb / 1P
Over-Voltage Protection Load Switch
More results

Similar Description - ETA6122

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9718 RICHTEK-RT9718 Datasheet
222Kb / 10P
Over Voltage Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
Over voltage and over current protection IC
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
Over voltage and over current protection IC
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
Over voltage and over current protection IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com