Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA8047 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA8047
Description  Green-Mode Quasi Resonant PWM Controller for Fly-Back Converters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA8047 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA8047 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA8047
www.etasolution.com
1
Powering Minds of the Smart
Green-ModeQuasi-Resonant PWMControllerforFly-BackConverters
DESCRIPTION
FEATURES
ETA8047 is a high performance peak current mode PWM controller.
ETA8047 employs Quasi-Resonant and frequency foldback technique to
reduce EMI and improve average efficiency and meets the latest Level
VI efficiency standard with enough margin.
Its burst mode operation enables low standby power with small output
voltage ripple. And it achieves very low standby power, good dynamic
response and accurate voltage regulation with an opto-coupler and the
secondary side control circuit.
With build-in fast start process, ETA8047 can get output voltage very
short rise time even with a big capacitive load. And a soft start circuit
keeps output voltage no overshoot at power up.
In full load conditions, ETA8047 can work in both CCM mode and DCM
mode to meet different types of applications. Quasi-Resonant (QR)
function works all the time in DCM modes.
ETA8047 can be directly used for Quick-Charger Class A solution
because of its 7-37V wide VCC operation voltage range.
ETA8047 integrates comprehensive protection. In case of over
temperature, input/output over voltage, winding short, current sense
resistor short, open loop, output short, over load and over current
conditions, it would enter into auto restart if recovering from fault
mode. Cycle-by-Cycle current limiting ensuressafeoperationeven
duringfault mode and recovering.
ETA8047 is for applications up to 50 Watts.
ETA8047 is in a tiny SOT23-6 package.
Quasi-Resonant and CCM Operation
7-37V VCC Widely Operation Voltage Range
Very Low Standby Power Consumption
OCP/OLP/OSP Protection
Current Sense Resistor Short Protection
Transformer Winding Short Protection
Integrates Comprehensive Protection
Built-in Soft-Start and Fast-Start Circuit
Gate Output Voltage Clamped at 12V
Built-inAdjustable SlopeCompensation
Complies with DOE VI and CEC V5 Average
Efficiency Standards
Tiny SOT23-6 Package
APPLICATIONS
Conventional Adapter
Quick-Charge Adapter
USB PD Adaptors
Replacements forlineartransformers andRCCSMPS
TYPICAL APPLICATION
ORDERING INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA8047S2G
SOT23-6
NH7H
3000


Similar Part No. - ETA8047

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA8120 ETA-ETA8120 Datasheet
199Kb / 1P
18V, 2A, High Efficiency Synchronous Step-Down Converter in SOT23-6
ETA8120S2G ETA-ETA8120S2G Datasheet
199Kb / 1P
18V, 2A, High Efficiency Synchronous Step-Down Converter in SOT23-6
More results

Similar Description - ETA8047

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
logo
Fairchild Semiconductor
FL6300A FAIRCHILD-FL6300A Datasheet
912Kb / 13P
Quasi-Resonant Current Mode PWM Controller for Lighting
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
Quasi-Resonant PWM Controller
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
Quasi-Resonant PWM Controller
March 2017- Rev. P0
FL6300A ONSEMI-FL6300A Datasheet
599Kb / 15P
Quasi-Resonant Current Mode PWM Controller for Lighting
November 2012 Rev. 1.0.2
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
logo
Princeton Technology Co...
RS2336 PTC-RS2336 Datasheet
191Kb / 4P
700V High Voltage Quasi-Resonant Fly-back PWM Controller
logo
Diodes Incorporated
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
QUASI-RESONANT PWM CONTROLLER
May 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com