Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA9689 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9689
Description  Power SOC with 5V/2.1A Output and 1A linear Charger
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9689 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA9689 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA9689
www.etasolution.com
1
Powering Minds of the Smart
Power SOC+ with 5V/2.1A Output and 1A linear Charger
DESCRIPTION
FEATURES
ETA9689 belong to a series of ETA Solutions pioneered
Power SOC+. It is capable of delivering 2.1A at the 5V
output and can charge at its input with up to 1A charging
current. A highly integrated synchronous boost
converter that can provide efficiency as high as 97% and
a simple linear charge that provides fast charge current
up to 1A are both integrated in ETA9689. Simple MCU
functions are also included in ETA9689, such as, push-
button, USB charging emulation, no load detection. All of
these highly integrated features of ETA’s Power SOC+
technology make ETA9689 an ideal solution for Power
bank or applications alike.
ETA9689 is available in DFN3x3-12 package.
Up to 97% Energy Converting Efficiency
Up to 2.1A output current at 5V output, 3.3V input
Dedicated Charging Port (DCP) emulator
True Shut off during shutdown and output short-
circuit protection
Thermal Shutdown
DFN3x3-12
APPLICATIONS
Power Bank
ORDERING INFORMATION
PART ID
PACKAGE
TOP MARK
ETA9689D3M
DFN3x3-12
ETA9689
YWW2L
TYPICAL APPLICATION
ETA9689
ACIN
BAT
D+/D-
PB
SW
OUT
ISET
LED
GA
GP
SW
OUT
USB Input
10uF
Li-ion
Battery
10uF
2.2uH
Push Button
22uF x 2
USB 5V output
Output
USB D+/D-
Blue LED
Typical application circuit of ETA9689


Similar Part No. - ETA9689

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA9686 ETA-ETA9686 Datasheet
170Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
ETA9686D3M ETA-ETA9686D3M Datasheet
170Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
ETA9687 ETA-ETA9687 Datasheet
206Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
ETA9687E8A ETA-ETA9687E8A Datasheet
206Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
ETA9688 ETA-ETA9688 Datasheet
168Kb / 1P
5V/2.1A Synchronous Boost with 1A linear Charger
More results

Similar Description - ETA9689

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99
logo
ETA SOLUTIONS CO. LIMIT...
ETA9638 ETA-ETA9638 Datasheet
271Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9639 ETA-ETA9639 Datasheet
216Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9640 ETA-ETA9640 Datasheet
214Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9686 ETA-ETA9686 Datasheet
170Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
ETA9687 ETA-ETA9687 Datasheet
206Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
ETA9688 ETA-ETA9688 Datasheet
168Kb / 1P
5V/2.1A Synchronous Boost with 1A linear Charger
logo
Shenzhen Tianyuan Semic...
TP4302B TPOWER-TP4302B Datasheet
738Kb / 7P
2.1A Synchronous Mobile Power SOC
logo
Shaanxi Reactor Micro...
RM3256S REACTOR-RM3256S Datasheet
600Kb / 3P
5V/1A charger application
RM3257S REACTOR-RM3257S Datasheet
346Kb / 3P
5V/2.1A charger application
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com