Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC308 Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC308
Description  Charger charger IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC308 Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC308 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC308 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC308 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC308 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC308 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC308 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC308(文件编号:S&CIC0875)
座充充电器 IC
第 2 页 共 6 页
五、
应用电路图
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
18-Apr-2011
Sheet of
File:
E:\E盘\规格书\规格图\规格图-0\ZBO\SC9017.ddb
Drawn By:
VCC
CHRG
CHRGT
BAT
PROG
GND
330R
LED-R
LED-G
1.65K
600mA
→
4.2V
Li-lon
Battery
4.5V to 6.5V
1uF
六、
绝对最大额定值 (1)
参数
符号
额定值
单位
输入电源电压
VCC
7
V
输入电压
VIN
-0.3 to 7
V
PROG 电压
VPROG
VCC+0.3
V
BAT 电压
VBAT
7
V
CHRG 电压
VCHRG
7
V
BAT 短路
Continuous 连续
热阻
θ
JA
75 (DIP/SOP8)
℃/W
BAT 电流
IBAT
800
mA
PROG 电流
IPROG
800
uA
最高结温
TJ
125
℃
内部结温
TJ
-40 to 85
℃
贮藏温度
TS
-65 to 125
℃
焊接温度(不超过10sec)
300
℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com