Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC32A Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LVC32A
Description  LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE HIGH PERFORMANCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC32A Datasheet(HTML) 1 Page - STMicroelectronics

  74LVC32A Datasheet HTML 1Page - STMicroelectronics 74LVC32A Datasheet HTML 2Page - STMicroelectronics 74LVC32A Datasheet HTML 3Page - STMicroelectronics 74LVC32A Datasheet HTML 4Page - STMicroelectronics 74LVC32A Datasheet HTML 5Page - STMicroelectronics 74LVC32A Datasheet HTML 6Page - STMicroelectronics 74LVC32A Datasheet HTML 7Page - STMicroelectronics 74LVC32A Datasheet HTML 8Page - STMicroelectronics 74LVC32A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2004
s
5V TOLERANT INPUTS
s
HIGH SPEED: tPD = 4.2ns (MAX.) at VCC = 3V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN) at VCC = 3V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 1.65V to 3.6V (1.2V Data
Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 32
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74LVC32A is a low voltage CMOS QUAD
2-INPUT OR GATE fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology. It is ideal for 1.65 to 3.6 VCC
operations
and
low
power
and
low
noise
applications.
It can be interfaced to 5V signal environment for
inputs in mixed 3.3/5V system.
It has more speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LVC32A
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE
HIGH PERFORMANCE
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LVC32AMTR
TSSOP
74LVC32ATTR
TSSOP
SOP
Rev. 4


Similar Part No. - 74LVC32A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC32A PHILIPS-74LVC32A Datasheet
87Kb / 10P
Quad 2-input OR gate
1997 Jun 30
logo
Texas Instruments
74LVC32A TI-74LVC32A Datasheet
526Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Diodes Incorporated
74LVC32A DIODES-74LVC32A Datasheet
191Kb / 10P
QUADRUPLE 2-INPUT OR GATES
Rev 3
logo
ON Semiconductor
74LVC32A ONSEMI-74LVC32A Datasheet
95Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC32A NEXPERIA-74LVC32A Datasheet
236Kb / 13P
Quad 2-input OR gate
Rev. 8 - 27 August 2021
More results

Similar Description - 74LVC32A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX32 MOTOROLA-MC74LCX32 Datasheet
134Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
MC74LVQ32 MOTOROLA-MC74LVQ32 Datasheet
183Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
logo
System Logic Semiconduc...
SL74HCT32 SLS-SL74HCT32 Datasheet
35Kb / 4P
Quad 2-Input OR Gate(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HC32A KODENSHI-KK74HC32A Datasheet
199Kb / 5P
Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
KK74HCT32A KODENSHI-KK74HCT32A Datasheet
195Kb / 5P
Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
logo
STMicroelectronics
74LVQ32 STMICROELECTRONICS-74LVQ32_04 Datasheet
226Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE
29-Jul-2004
logo
IK Semicon Co., Ltd
IN74HC32A IKSEMICON-IN74HC32A Datasheet
186Kb / 5P
Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
IN74HCT32A IKSEMICON-IN74HCT32A Datasheet
181Kb / 5P
Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32_12 Datasheet
156Kb / 7P
Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com