Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP4302B Datasheet(PDF) 2 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP4302B
Description  2.1A Synchronous Mobile Power SOC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP4302B Datasheet(HTML) 2 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP4302B Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4302B Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4302B Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4302B Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4302B Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4302B Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4302B Datasheet HTML 7Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TP4302B
2.1A 同步移动电源 SOC
Ver2.0
Shenzhen TPOWER Semiconductor
2
深圳市天源中芯半导体有限公司
2
管脚
管脚描述
管脚号
管脚名称
描述
1
SW
开关端
2
SW
开关端
3
PGND
功率地
4
PGND
功率地
5
AGND
模拟地
6
VDD
电源输入端
7
BAT
锂离子电池正极
8
LED4
PMOS 漏极输出电量指示端,外接电量指示 LED 灯到 GND
9
LED3
PMOS 漏极输出电量指示端,外接电量指示 LED 灯到 GND
10
LED2
PMOS 漏极输出电量指示端,外接电量指示 LED 灯到 GND
11
LED1
PMOS 漏极输出电量指示端,外接电量指示 LED 灯到 GND
12
LIT
NMOS 开漏手电筒照明输出端,可以驱动 100mA 的 LED 灯用于手电筒照明
13
OUTN
升压输出负极端
14
OUTP
升压输出正极端以及输出电压采样端
15
SWT
手电筒和电量指示使能端,接按键到 GND,短按按键显示电量,长按按键 1.5S
手电筒打开或关闭
16
ISET
充电电流设定端,外接一电阻到 GND 用于设定充电电流



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com