Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP4331 Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP4331
Description  0.7A synchronous mobile power supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP4331 Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP4331 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4331 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4331 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4331 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4331 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TP4331
0.7A 同步移动电源
Ver1.0
TPOWER Semiconductor
1
深圳市天源中芯半导体有限公司
1
概述
TP4331 是一款专为移动电源设计的同步升压的单芯片解
决方案,内部集成了线性充电管理模块、同步放电管理模块、
电量检测与 LED 指示模块、保护模块。
TP4331 内置充电与放电功率 MOS,充电电流为 0.6A,同
步升压支持 0.7A 输出电流。
TP4331 内部集成了温度补偿、过温保护、过充与过放保护、
输出过压保护、输出重载保护、输出短路保护等多重安全
保护功能以保证芯片和锂离子电池的安全,应用电路简单,
只需很少元件便可实现充电管理与放电管理。
特点
 放电输出:5V/0.7A
 充电电流: 0.6A
 放电效率:91%(输入 3.7V,输出 5V/0.7A)
 BAT 放电终止电压:2.85V
 可选 4.2V/4.35V 充电电压
 智能温度控制与过温保护
 集成输出过压保护、短路保护、重载保护
 集成过充与过放保护
 支持涓流模式以及零电压充电
 封装形式:SOT23-6
应用
 移动电源
典型应用电路


Similar Part No. - TP4331

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP4333 TPOWER-TP4333 Datasheet
330Kb / 5P
1A synchronous mobile power solution
More results

Similar Description - TP4331

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
SP4566 TPOWER-SP4566 Datasheet
277Kb / 6P
1A synchronous mobile power solution
logo
SHENZHEN FUMAN ELECTRON...
FM9602 FUMAN-FM9602 Datasheet
275Kb / 7P
1A synchronous mobile power IC
FM9606 FUMAN-FM9606 Datasheet
222Kb / 8P
1A synchronous mobile power IC
FM9610 FUMAN-FM9610 Datasheet
604Kb / 8P
1A synchronous mobile power IC
FM9610B FUMAN-FM9610B Datasheet
192Kb / 7P
1A synchronous mobile power IC
FM9615 FUMAN-FM9615 Datasheet
194Kb / 8P
1.5A Synchronous Mobile Power IC
FM9909B FUMAN-FM9909B Datasheet
332Kb / 8P
1.5A synchronous mobile power IC
logo
Shenzhen Tianyuan Semic...
TP4351B TPOWER-TP4351B Datasheet
720Kb / 7P
1A synchronous mobile power solution
logo
Shenzhen Huazhimei Semi...
HM5920A HMSEMI-HM5920A Datasheet
452Kb / 6P
1A synchronous mobile power solution
logo
Shenzhen Tianyuan Semic...
TP4366E TPOWER-TP4366E Datasheet
317Kb / 6P
1A synchronous mobile power solution
Ver1.4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com