Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP8123 Datasheet(PDF) 4 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP8123
Description  Switch dimming high power factor linear constant current LED driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP8123 Datasheet(HTML) 4 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP8123 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8123 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8123 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8123 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8123 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8123 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8123 Datasheet HTML 7Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TP8123
开关调光高功率因数线性恒流 LED 驱动
Ver1.1
Shenzhen TPOWER Semiconductor
4
内部结构图
应用说明
工作原理
TP8123 集成 700V 高压启动电路和 700V 高压恒流驱动功率 MOS,主要应用于市电输入的 LED 照明领域。
应用时需将 LED
分成 3 组串联,且 3 组 LED 分别由 CH1、CH2、CH3 驱动。在一个周期内随输入电压的变化,3 路高压驱动开关逐级开
通和关闭,实现高功率因数和低谐波,且没有 EMI 问题。
在半个 AC 周期内,当输入电压高于第一组 LED 电压时,第 1 组 LED 点亮,电流为 0.4V/R
ISET,当输入电压高于第 1 组
与第 2 组 LED 电压之和时,第 1 组与第 2 组 LED 点亮,电流为 0.5V/R
ISET,当输入电压高于 3 段 LED 总电压时,所有
LED 点亮,电流为 0.6V/RISET,工作时经整流后电压和输入电流如下所示:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com