Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC08 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74HC08
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC08 Datasheet(HTML) 2 Page - Silicon Supplies

  74HC08 Datasheet HTML 1Page - Silicon Supplies 74HC08 Datasheet HTML 2Page - Silicon Supplies 74HC08 Datasheet HTML 3Page - Silicon Supplies 74HC08 Datasheet HTML 4Page - Silicon Supplies 74HC08 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
d 
High Speed CMOS Logic – 74HC08
Rev 1.0
07/02/19
 
 
Pad Layout and Functions
 
 
 
 
 
 
 
 
 
 
 
 
Logic Diagram
COORDINATES (µm)
PAD
FUNCTION
 
 
 
 
 
 
 
 
 
Function Table
INPUTS
OUTPUT
A
B
Y
L
L
L
L
H
L
H
L
L
H
H
H
H = High level (steady state)
L = Low level (steady state)
X
Y
1
1A
132
443
2
1B
132
126
3
1Y
315
129
4
2A
485
129
5
2B
802
129
6
2Y
1087
129
7
GND
991
504
8
3Y
991
807
9
3A
971
1105
10
3B
722
1105
11
4Y
551
1105
12
4A
381
1105
13
4B
132
1105
14
VCC
132
650
CONNECT CHIP BACK TO VCC OR FLOAT
1200µm (47.24 mils)
13
12
11
10
9
13
1
2
3
4
5
6
7
8
DIE ID
Page 2 of 5 
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com