Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC32 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74HC32
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC32 Datasheet(HTML) 2 Page - Silicon Supplies

  74HC32 Datasheet HTML 1Page - Silicon Supplies 74HC32 Datasheet HTML 2Page - Silicon Supplies 74HC32 Datasheet HTML 3Page - Silicon Supplies 74HC32 Datasheet HTML 4Page - Silicon Supplies 74HC32 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
www.siliconsupplies.com
d
High Speed CMOS Logic – 74HC32
Rev 1.0
07/02/19
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
1A
130
359
2
1B
130
121
3
1Y
423
121
4
2A
624
121
5
2B
1036
121
6
2Y
1057
379
7
GND
1057
570
8
3Y
1057
923
9
3A
1036
1181
10
3B
624
1181
11
4Y
423
1181
12
4A
130
1181
13
4B
130
943
14
VCC
130
639
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
1300µm (51.18 mils)
0,0
1
10
2
3
4
5
6
7
8
9
11
12
13
14
DIE ID
Function Table
INPUTS
OUTPUT
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
H
H = High level (steady state)
L = Low level (steady state)
Logic Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com