Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP05AL Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP05AL
Description  5W 3KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP05AL Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP05AL Datasheet HTML 1Page - Toppower Electronic Technology Limited TP05AL Datasheet HTML 2Page - Toppower Electronic Technology Limited TP05AL Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP05AL Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 2 / 3
SAFETY & ELECTROMAGNETIC COMPATIBILITY
Safety Standard
UL60950,EN60950
Safety Level
CLASS II
Isolation voltage
I/P-O/P:3KVAC
Isolation resistance
I/P-O/P,:>100M Ohms/500VDC 25
70% RH
Conduction and Radiation
EN55011, EN55022 (CISPR22)
class B (Typical application circuit diagram 1)
Electrostatic Discharge
IEC/EN 61000-4-2 level 4
8kV/15kV (Typical application circuit diagram 1)
RF radiation immunity
IEC/EN 61000-4-3 level 4 (Typical application circuit diagram 1)
Electrical Fast Transient Burst
IEC/EN 61000-4-4 level 4
4kV (Typical application circuit diagram 1)
Surge
IEC/EN 61000-4-5 level 4
2kV (Typical application circuit diagram 1)
Harmonic Current
EN61000-3-2 (Typical application circuit diagram 1)
OTHERS
MTBF
≥300K hrs min.
MIL-HDBK-217F(25)
Dimensions
37*18.5*12mm
(L*W*H)
Weight
10g
packaging
360*300*250mm
NOTES
1.This model is open Frame, in order to meet the safety requirements of the module primary and secondary external components between the need to maintain a safe
distance of at least 6.4mm.
2.The data in this manual are measured at TA=25 ° C, humidity <75%, input nominal voltage (115Vac and 230Vac) and output rated load,except for special
instructions.
3.In order to improve the efficiency of light load conversion, when the module load <30% of the rated load, the module may have weak audio noise, but does not affect
the product performance and reliability.
4. After the module is assembled, it needs to be Dispensing fixed
PRODUCT CHARACTERISTICS CURVE
TYPICAL APPLICATION CIRCUIT
diagram 1
Notes:
1.C2 is a ceramic capacitor to filter out high frequency noise.C3 is High-frequency low-resistance electrolytic capacitor ,TVS tube in the
module exception protection after the circuit, it is recommended to use.
2. In the general application, Its not mandatory to use the common-mode inductance within the dashed box;
You can use this common-mode inductance (L=30mH) to meet the higher EMC requirements.
3. For technical support, please contact our engineers.
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com