Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP100DH48S05W Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP100DH48S05W
Description  100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP100DH48S05W Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP100DH48S05W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP100DH48S05W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP100DH48S05W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP100~150DH Series
www.gztoppower.com
TEL
:0086-20-82019000
EMAIL
:sales2@gztoppower.com
page 3 of 3
STEMPERATURE DERATING GR
MODEL SELECTION
USING ATTENTIONS
Module will cause irreversible damage when in the state of the input reverse polarity.
Module will cause irreversible damage when in the long-term overload conditions.
Module will cause irreversible damage when out of the maximum input voltage range.
TP 100 D
H
24 S 05 W
4:1 input
Output voltage
S: Single output
D: Dual output
Input Rated Voltage
Package type
DC-DC
Output rated power
Brand name
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com