Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP100DH48S48W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP100DH48S48W
Description  100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP100DH48S48W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP100DH48S48W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP100DH48S48W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP100DH48S48W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP100~150DH Series
www.gztoppower.com
TEL
:0086-20-82019000
EMAIL
:sales2@gztoppower.com
page 2 of 3
Units: mm
Tolerance: ± 0.2mm
OUTPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Voltage accuracy
Io=0.1 1.0 x Ionom Vi=Vi rated
±1
%
Line regulation
Vimin≤Vi≤Vimax
±0.2
%
Load regulation
Io=0.1 1.0 x Ionom ,Vimin≤ Vi≤Vimax
±0.5
%
Auxiliary voltage accuracy
Main Load and auxiliary load differ 25%,the auxiliary circuit of the
load with at least 25%, the main circuit with full load
±3
%
Ripple and noise
20MHz bandwidth
50
300
mV
Transient recovery time
25% load changes
±5
%
Transient overshoot time
25% load changes
400
us
Switch frequency
Vimin≤Vi≤Vimax
300
KHz
INPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Voltage(2
:1)
The12V input module
9
12
18
VDC
Voltage(2
:1)
The24V input module
18
24
36
VDC
Voltage(4
:1)
The24V input module
9
24
36
VDC
Voltage(4
:1)
The48V input module
18
48
72
VDC
ENVIRONMENT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Storage Humidity
Non condensing
5
+95
%
Operating Temperature
Power derating (above 71
℃
-40
+85
℃
Storage Temperature
-55
+125
℃
Max. Case Temperature
Operating Temperature curve range
-40
100
℃
Lead Temperature
1.5mm from case for 10 seconds
300
℃
Cooling
Free air convection
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Single output
1
-Vin
2
CASE
3
CTL
4
+Vin
5
+Vo
6
+S
7
TRIM
8
-S
9
-Vo
Module in every environment temperature rating, case temperature under shall not exceed the maximum case temperature level.
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com