Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM037WDHT01 Datasheet(PDF) 1 Page - GSR Technology Ltd

Part # TM037WDHT01
Description  TFT Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSR [GSR Technology Ltd]
Direct Link  https://www.gsr-technology.co.uk/
Logo GSR - GSR Technology Ltd

TM037WDHT01 Datasheet(HTML) 1 Page - GSR Technology Ltd

  TM037WDHT01 Datasheet HTML 1Page - GSR Technology Ltd TM037WDHT01 Datasheet HTML 2Page - GSR Technology Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
TFT Modules
 
Product Number: TM037WDHT01
 
Brand
    TM 
Part number
TM037WDHT01 
Screen size in inch
3.7'' 
Resolution in pixels (Horizonal x
Vertical)
480x640 
Graphic Mode
VGA 
Panel technology
TN 
Display type
TN, transflective 
Portrait
yes 
View direction
6 
Replacement Backlight
400 
Color gamut
50% 
Luminance in cd/m​
2
400 
Contrast
150:1 
Viewing angle in °: Up/down/right/left
45,50,80,40 
© GSR Technology 2016
​
www.gsr-technology.co.uk
​
Page 1


Similar Part No. - TM037WDHT01

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
TM037WBHT01 GSR-TM037WBHT01 Datasheet
265Kb / 2P
TFT Modules
More results

Similar Description - TM037WDHT01

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
NL10276BC20-18D GSR-NL10276BC20-18D Datasheet
268Kb / 2P
TFT Modules
NL10276BC20-18KH GSR-NL10276BC20-18KH Datasheet
323Kb / 2P
TFT Modules
NL10276BC24-36KD GSR-NL10276BC24-36KD Datasheet
323Kb / 2P
TFT Modules
NL12876BC26-32D GSR-NL12876BC26-32D Datasheet
281Kb / 2P
TFT Modules
NL12880BC20-05 GSR-NL12880BC20-05 Datasheet
280Kb / 2P
TFT Modules
NL12880BC20-05BD GSR-NL12880BC20-05BD Datasheet
281Kb / 2P
TFT Modules
NL12880BC20-05D GSR-NL12880BC20-05D Datasheet
281Kb / 2P
TFT Modules
NL160120AC27-32 GSR-NL160120AC27-32 Datasheet
267Kb / 2P
TFT Modules
NL160120AM27-33A GSR-NL160120AM27-33A Datasheet
321Kb / 2P
TFT Modules
NL192108AC13-02D GSR-NL192108AC13-02D Datasheet
321Kb / 2P
TFT Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com