Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGS9-03AS Datasheet(PDF) 2 Page - IXYS Corporation

Part # DGS9-03AS
Description  Gallium Arsenide Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DGS9-03AS Datasheet(HTML) 2 Page - IXYS Corporation

  DGS9-03AS Datasheet HTML 1Page - IXYS Corporation DGS9-03AS Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2004 IXYS All rights reserved
2 - 2
DGS
9-03AS
DGS 10-03A
Outlines TO-220 AC
0,0
0,5
1,0
1,5
2,0
2,5
0,01
0,1
1
10
100
0,00001
0,0001
0,001
0,01
0,1
1
10
0,01
0,1
1
10
t
s
K/W
0,1
1
10
100
1000
1
10
100
1000
C
J
I
F
A
V
F
V
R
V
pF
V
Z
thJC
Single Pulse
T
VJ =
125°C
25°C
DGS9-03AS
T
VJ = 125°C
TO-220
TO-252
Fig. 1typ. forward characteristics
Fig. 2 typ. junction capacity
versus blocking voltage
Fig. 3 typ. thermal impedance junction to case
Outlines TO-252 AA
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
2.19
2.38
0.086
0.094
A1
0.89
1.14
0.035
0.045
A2
0
0.13
0
0.005
b
0.64
0.89
0.025
0.035
b1
0.76
1.14
0.030
0.045
b2
5.21
5.46
0.205
0.215
c
0.46
0.58
0.018
0.023
c1
0.46
0.58
0.018
0.023
D
5.97
6.22
0.235
0.245
D1
4.32
5.21
0.170
0.205
E
6.35
6.73
0.250
0.265
E1
4.32
5.21
0.170
0.205
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40
10.42
0.370
0.410
L
0.51
1.02
0.020
0.040
L1
0.64
1.02
0.025
0.040
L2
0.89
1.27
0.035
0.050
L3
2.54
2.92
0.100
0.115
1 Anode
2 NC
3 Anode
4 Cathode
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
12.70 14.73
0.500
0.580
B
14.23 16.51
0.560
0.650
C
9.66 10.66
0.380
0.420
D
3.54
4.08
0.139
0.161
E
5.85
6.85
2.300
0.420
F
2.54
3.42
0.100
0.135
G
1.15
1.77
0.045
0.070
H
-
6.35
-
0.250
J
0.64
0.89
0.025
0.035
K
4.83
5.33
0.190
0.210
L
3.56
4.82
0.140
0.190
M
0.51
0.76
0.020
0.030
N
2.04
2.49
0.080
0.115
Q
0.64
1.39
0.025
0.055



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com