Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2801CL Datasheet(PDF) 1 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP2801CL
Description  Non-IsolatIon Control Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP2801CL Datasheet(HTML) 1 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP2801CL Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2801CL Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2801CL Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2801CL Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2801CL Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2801CL Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2801CL Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP2801CL
非隔离降压开关电源恒压控制驱动
LP2801CL_CN_DS_Rev.0.97
www.chip-hope.com
ZHENZHEN Chip Hope Micro-electronics LTD Confidential– Customer Use Only
概述
LP2801CL 是一款高效率高精度的非隔离降压开关
电源恒压控制驱动芯片。适用于 85VAC~265VAC
全范围输入电压的非隔离 Buck、Buckboost 拓扑结
构,尤其适用于小家电、白色家电等电源的驱动。
LP2801CL 内部集成高压功率管,采用恒压控制模
式,系统工作在电感电流临界模式。方案可靠性强,
外围应用简单,设计灵活。
LP2801CL 具有多重保护功能,包括 VCC 钳位/欠
压保护,输出过压保护,过温保护,最长开通时间
保护等保护功能。
LP2801CL 采用 SOP8 封装。
特点
集成>800V功率管
恒压控制
QR工作模式
优异的EMI特性
待机功耗<50mW
输出电压3.3V~24V外置电阻可调
宽输入电压
输出过压保护
过温保护
VCC钳位/欠压保护
最长开通时间保护
应用
小家电、白色家电等开放式电源
LED驱动照明
典型应用
FB
C
CS
VCC
V+
VIN
V-
GND
FB
C
CS
VCC
V+
VIN
V-
GND
图 1 LP2801CL Buck 典型应用图
图 2 LP2801CL Buckboost 典型应用图
定购信息
定购型号
封装
包装形式
打印
LP2801CL
SOP8
编带
4000 颗/盘
LP2801
CLxxxx
xxxx:批号


Similar Part No. - LP2801CL

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28010 POWER-LP28010 Datasheet
770Kb / 12P
Single-Chip, Li-Ion/Polymer Battery Charge Manager
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
1A Single-chip Li-ion and Li-POL Charge with OVP
LP28011-QVF POWER-LP28011-QVF Datasheet
438Kb / 10P
1A Single-chip Li-ion and Li-POL Charge with OVP
LP28012 POWER-LP28012 Datasheet
340Kb / 10P
Programmable Charge Current Up to 1200mA
LP28013 POWER-LP28013 Datasheet
492Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
More results

Similar Description - LP2801CL

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
SM7302 LINKAGE-SM7302 Datasheet
2Mb / 7P
Non-IsolatIon Bucket Constant Flow Control Switch
SM7307 LINKAGE-SM7307 Datasheet
1Mb / 6P
Non-IsolatIon Bucket Constant Flow Control Switch
SM7316P LINKAGE-SM7316P Datasheet
1Mb / 8P
Non-IsolatIon Bucket Constant Flow Control Switch
SM73152P LINKAGE-SM73152P Datasheet
2Mb / 8P
Non-IsolatIon Bucket Constant Flow Control Switch
logo
Shenzhen Xinmao Microel...
LP2701A LANDP-LP2701A Datasheet
729Kb / 7P
Non-IsolatIon Control Drive
LP2702A LANDP-LP2702A Datasheet
706Kb / 7P
Non-IsolatIon Control Drive
LP2706A LANDP-LP2706A Datasheet
706Kb / 7P
Non-IsolatIon Control Drive
LP2821 LANDP-LP2821 Datasheet
809Kb / 8P
Non-IsolatIon Control Drive
LP2866 LANDP-LP2866 Datasheet
626Kb / 7P
Non-IsolatIon Control Drive
LP2868 LANDP-LP2868 Datasheet
628Kb / 7P
Non-IsolatIon Control Drive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com