Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2821B Datasheet(PDF) 3 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP2821B
Description  Non-IsolatIon Control Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP2821B Datasheet(HTML) 3 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP2821B Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2821B Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2821B Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2821B Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2821B Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2821B Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2821B Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2821B Datasheet HTML 8Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LP2821
非隔离降压开关电源恒压控制驱动
LP2821_CN_DS_Rev.0.98
www.chip-hope.com
ZHENZHEN Chip Hope Micro-electronics LTD Confidential– Customer Use Only
推荐工作范围
芯片
参数
参数范围
单位
LP2821A
Io @Vo=12V
(输入电压:85VAC~265VAC@温升△T≤40℃)
≤100
mA
LP2821B
≤150
mA
LP2821C
≤200
mA
LP2821D
≤300
mA
LP2821E
≤400
mA
5V 系统推荐参数
输出电压/电流
CS 采样电阻
启动电阻
电感量
5V/100mA
2.40Ω
3.0MΩ
1.0mH~1.2mH
5V/150mA
2.00Ω
5.4MΩ
1.0mH
5V/200mA
1.50Ω
5.4MΩ
0.5mH
5V/300mA
1.00Ω
5.4MΩ
0.4mH
5V/400mA
0.75Ω
5.4MΩ
0.3mH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com