Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3510 Datasheet(PDF) 3 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP3510
Description  High performance subsynchronous synchronous rectifier drive chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP3510 Datasheet(HTML) 3 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP3510 Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3510 Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3510 Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3510 Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3510 Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3510 Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3510 Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP3510
高性能副边同步整流驱动芯片
LP3510_CN_DS_Rev.1.1
www.chip-hope.com
SHENZHEN Chip Hope Micro-electronics LTD Confidential– Customer Use Only
极限参数(注 1)
符号
参数
参数范围
单位
D
内置功率管漏极电压
-0.3~45
V
VCC
电源电压
-0.3~8
V
AE
判定设置端
-0.3~8
V
PDMAX
功耗(注 2)
0.45
W
θ
JA
PN结到环境的热阻
120
℃/W
TJ
工作结温范围
-40 to 150
TSTG
储存温度范围
-55 to 150
ESD (注 3)
2
KV
注 1:最大极限值是指超出该工作范围,芯片有可能损坏。推荐工作范围是指在该范围内,器件功能正常,但并不完全
保证满足个别性能指标。电气参数定义了器件在工作范围内并且在保证特定性能指标的测试条件下的直流和交流电参数
规范。对于未给定上下限值的参数,该规范不予保证其精度,但其典型值合理反映了器件性能。
注 2:温度升高最大功耗一定会减小,这也是由 T
JMAX, θJA,和环境温度 TA 所决定的。最大允许功耗为 PDMAX = (TJMAX -
TA)/ θJA 或是极限范围给出的数字中比较低的那个值。
注 3:人体模型,100pF 电容通过 1.5KΩ 电阻放电。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com