Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2000AFQC Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000AFQC
Description  DLP2000 (.2 nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000AFQC Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLP2000AFQC Datasheet HTML 7Page - Texas Instruments DLP2000AFQC Datasheet HTML 8Page - Texas Instruments DLP2000AFQC Datasheet HTML 9Page - Texas Instruments DLP2000AFQC Datasheet HTML 10Page - Texas Instruments DLP2000AFQC Datasheet HTML 11Page - Texas Instruments DLP2000AFQC Datasheet HTML 12Page - Texas Instruments DLP2000AFQC Datasheet HTML 13Page - Texas Instruments DLP2000AFQC Datasheet HTML 14Page - Texas Instruments DLP2000AFQC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
DRC_BUS
DRC_STROBE
DCLK
SAC_BUS
tW(H)
50%
50%
50%
tH
tSU
50%
50%
50%
50%
50%
tSU
tSU
tH
50%
tH
50%
DATA(11:0)
DCLK
tC
tW
50%
50%
50%
50%
tH
tSU
50%
50%
50%
50%
tH
tSU
SCTRL
50%
50%
50%
50%
50%
tH
tSU
50%
50%
LOADB
Not To Scale
tSU
50%
50%
tW(H)
DRC_ STROBE
tH
tW(L)
tW
11
DLP2000
www.ti.com
DLPS140 – APRIL 2019
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 2. Switching Parameters 1
Figure 3. Switching Parameters 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com